Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40192 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF40192
Description  PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40192 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF40192 Datasheet HTML 1Page - STMicroelectronics HCF40192 Datasheet HTML 2Page - STMicroelectronics HCF40192 Datasheet HTML 3Page - STMicroelectronics HCF40192 Datasheet HTML 4Page - STMicroelectronics HCF40192 Datasheet HTML 5Page - STMicroelectronics HCF40192 Datasheet HTML 6Page - STMicroelectronics HCF40192 Datasheet HTML 7Page - STMicroelectronics HCF40192 Datasheet HTML 8Page - STMicroelectronics HCF40192 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HCC/HCF40192B
HCC/HCF40193B
June 1989
WITH RESET) 40192B – BCD TYPE 40193B – BINARY TYPE
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK
.
INDIVIDUAL CLOCK LINES FOR COUNTING
UP OR COUNTING DOWN
.
SYNCHRONOUS HIGH-SPEED CARRY AND
BORROW PROPAGATION DELAYS FOR CAS-
CADING
.
ASYNCHRONOUS RESET AND PRESET CA-
PABILITY
.
MEDIUM-SPEED OPERATION - fCL = 8MHz
(typ.) @ 10V
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC40192B, HCC40193B, (extended tem-
perature range) and the HCF40192B, HCF40193B
(intermediate temperature range) are monolithic in-
tegrated circuits, available in 16-lead dual in-line
plastic or ceramic package and platic micro pack-
age. The HCC/HCF40192B Presettable BCD
Up/Down Counter and the HCC/HCF40193B Pres-
ettable Binary Up/Down Counter each consist of 4
synchronously clocked, gated ”D” type flip-flops
connected as a counter. The inputs consist of 4 in-
dividual jam lines, a PRESET ENABLE control, in-
dividual CLOCK UP and CLOCK DOWN signals
and a master RESET. Four buffered Q signal out-
puts as well as CARRY and BORROW outputs for
multiple-stage counting schemes are provided. The
counter is cleared so that all outputs are in a low
state by a high on the RESET line. A RESET is ac-
complished asynchronously with the clock. Each
output is individually programmable asynchron-
ously with the clock to the level on the corresponding
jam input when thePRESET ENABLE control is low.
The counter counts up one count on the positive
clock edge of the CLOCK UP signal provided the
CLOCK DOWN line is high. The counter counts
down one count on the positive clock edge of the
CLOCK DOWN signal provided the CLOCK UP line
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC401XXBF
HCF401XXBM1
HCF401XXBEY
HCF401XXBC1
PIN CONNECTIONS
M1
(Chip Carrier)
1/15


Similar Part No. - HCF40192

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4019 STMICROELECTRONICS-HCF4019 Datasheet
281Kb / 13P
QUAD AND/OR SELECT GATE
Jun-1989
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
HCF40193B STMICROELECTRONICS-HCF40193B Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
HCF40193BEY STMICROELECTRONICS-HCF40193BEY Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
HCF40193BM1 STMICROELECTRONICS-HCF40193BM1 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
More results

Similar Description - HCF40192

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
logo
STMicroelectronics
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
Sep-2002
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com