Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet (PDF) - Texas Instruments

TSC2003 Datasheet PDF - Texas Instruments
Part # TSC2003
Download  TSC2003 Download
File Size   659.09 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description I2C TOUCH SCREEN CONTROLLER

TSC2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2003 Datasheet PDF - Texas Instruments

Part # TSC2003
Download  TSC2003 Click to download

File Size   659.09 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description I2C TOUCH SCREEN CONTROLLER

TSC2003 Datasheet (HTML) - Texas Instruments


TSC2003 Product details

FEATURES
2.5V TO 5.25V OPERATION
INTERNAL 2.5V REFERENCE
DIRECT BATTERY MEASUREMENT
0.5V TO 6V)
ON-CHIP TEMPERATURE MEASUREMENT
TOUCH-PRESSURE MEASUREMENT
I2C INTERFACE SUPPORTS:
Standard, Fast, and High-Speed Modes
AUTO POWER DOWN
TSSOP-16 AND VFBGA-48 PACKAGES

APPLICATIONS
PERSONAL DIGITAL ASSISTANTS
PORTABLE INSTRUMENTS
POINT-OF-SALES TERMINALS
PAGERS
TOUCH SCREEN MONITORS
CELLULAR PHONES

DESCRIPTION
The TSC2003 is a 4-wire resistive touch screen controller. It
also features direct measurement of two batteries, two auxiliary
analog inputs, temperature measurement, and touchpressure
measurement.
The TSC2003 has an on-chip 2.5V reference that can be
utilized for the auxiliary inputs, battery monitors, and temperature-
measurement modes. The reference can also be
powered down when not used to conserve power. The
internal reference will operate down to 2.7V supply voltage
while monitoring the battery voltage from 0.5V to 6V.
The TSC2003 is available in the small TSSOP-16 and
VFBGA-48 packages and is specified over the –40°C to
+85°C temperature range.




Similar Part No. - TSC2003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2003 TI-TSC2003 Datasheet
418Kb / 22P
I2C TOUCH SCREEN CONTROLLER
TSC2003 TI1-TSC2003 Datasheet
1Mb / 28P
I2C TOUCH SCREEN CONTROLLER
TSC2003 TI2-TSC2003 Datasheet
655Kb / 30P
I2C TOUCH SCREEN CONTROLLER
REVISED JUNE 2007
TSC2003 TI2-TSC2003 Datasheet
696Kb / 32P
I2C TOUCH SCREEN CONTROLLER
DECEMBER 2008
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
I2C TOUCH SCREEN CONTROLLER
More results


Similar Description - TSC2003

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Texas Instruments
TSC2003 TI-TSC2003 Datasheet
418Kb / 22P
I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
I2C Touch Screen Controller
AK4183 AKM-AK4183_08 Datasheet
238Kb / 18P
I2C Touch Screen Controller
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
246Kb / 18P
I2C Touch Screen Controller
logo
Texas Instruments
TSC2003 TI1-TSC2003_16 Datasheet
1Mb / 28P
I2C TOUCH SCREEN CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com