Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 2Page - Texas Instruments TSC2003 Datasheet HTML 3Page - Texas Instruments TSC2003 Datasheet HTML 4Page - Texas Instruments TSC2003 Datasheet HTML 5Page - Texas Instruments TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments TSC2003 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TSC2003
6
SBAS162G
www.ti.com
POWER-ON SEQUENCE TIMING
POWER-ON SEQUENCE TIMING DIAGRAM
During TSC2003 power-up, the I2C bus should be idle. In
other words, the SDA and SCL lines must be high before the
TSC supply (+VDD) ramps up greater than 0.9V. If the TSC
uses the same supply as the the I2C bus pull-up resistors
(VI2C), then a 1µF capacitor placed very close to the TSC
supply pin will cause the TSC supply to ramp up more slowly
(refer to the Power-On Sequence timing diagram). If the TSC
supply (+VDD) is different than the supply to the I2C bus pull-
up resistors (VI2C), then VI2C should be turned on before the
TSC supply (+VDD) is powered up.
TSC Supply
+VDD
100% V
DD
~ 0.9V
t
1 ≥ 0
0V
~ 0.9V
0V
~ 0.9V
0V
SCL
SDA
SCL High
SDA Low
I2C Bus Activity
I2C Bus Activity
100% V
I2C
100% V
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com