Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 14 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 10Page - Texas Instruments TSC2003 Datasheet HTML 11Page - Texas Instruments TSC2003 Datasheet HTML 12Page - Texas Instruments TSC2003 Datasheet HTML 13Page - Texas Instruments TSC2003 Datasheet HTML 14Page - Texas Instruments TSC2003 Datasheet HTML 15Page - Texas Instruments TSC2003 Datasheet HTML 16Page - Texas Instruments TSC2003 Datasheet HTML 17Page - Texas Instruments TSC2003 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
TSC2003
14
SBAS162G
www.ti.com
BATTERY MEASUREMENT
An added feature of the TSC2003 is the ability to monitor the
battery voltage on the other side of the voltage regulator
(DC/DC converter), as shown in Figure 7. The battery voltage
can vary from 0.5V to 6V, while the voltage regulator main-
tains the voltage to the TSC2003 at 2.7V, 3.3V, etc. The input
voltage (VBAT1 or VBAT2) is divided down by 4 so that a 6.0V
battery voltage is represented as 1.5V to the A/D converter.
The simplifies the multiplexer and control logic. In order to
minimize the power consumption, the divider is only ON
during the sample period which occurs after control bits C3
= 0, C2 = 0, C1 = 0, and C0 = 1 (VBAT1) or C3 = 0, C2 = 1,
C1 = 0, and C0 = 1 (VBAT2) are received. See Tables I and
II for the relationship between the control bits and configura-
tion of the TSC2003.
VDD
VBAT
7.5k
Ω
2.5k
Ω
DC/DC
Converter
Battery
0.5V
to
6.0V
0.125V to 1.5V
2.7V
+
A/D
Converter
FIGURE 7. Battery Measurement Functional Block Diagram.
X-Position
Measure X-Position
Measure Z
1-Position
Touch
X+
Y+
X–
Y–
Z
1-Position
Touch
X+
Y+
Y–
X–
Measure Z
2-Position
Z
2-Position
Touch
X+
Y+
Y–
X–
FIGURE 8. Pressure Measurement Block Diagrams.
PRESSURE MEASUREMENT
Measuring touch pressure can also be done with the TSC2003.
To determine pen or finger touch, the pressure of the “touch”
needs to be determined. Generally, it is not necessary to
have high accuracy for this test, therefore, the 8-bit resolution
mode is recommended. However, calculations will be shown
with the 12-bit resolution mode. There are several different
ways of performing this measurement—the TSC2003 sup-
ports two methods.
The first method requires knowing the X-Plate resistance,
measurement of the X-Position, and two additional
cross-panel measurements (Z2 and Z1) of the touch screen,
as shown in Figure 8. Using Equation 2 will calculate the
touch resistance:
RR
X Position
4096
Z
Z
– 1
TOUCH
X Plate
2
1
=• −


−
(2)
The second method requires knowing both the X-Plate and
Y-Plate resistance, measurement of X-Position and Y-Posi-
tion, and Z1. Equation 3 calculates the touch resistance using
the second method:
R
R
X
Position
4096
4096
Z
– 1
–R
Y
Position
4096
TOUCH
X Plate
1
Y Plate
=
−


•
−


−
•
−
1–
(3)
DIGITAL INTERFACE
The TSC2003 supports the I2C serial bus and data transmis-
sion protocol in all three defined modes: standard, fast, and
high-speed. A device that sends data onto the bus is defined
as a transmitter, and a device receiving data as a receiver.
The device that controls the message is called a
master. The
devices that are controlled by the master are
slaves. The bus
must be controlled by a master device which generates the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com