Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 3Page - Texas Instruments TSC2003 Datasheet HTML 4Page - Texas Instruments TSC2003 Datasheet HTML 5Page - Texas Instruments TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments TSC2003 Datasheet HTML 10Page - Texas Instruments TSC2003 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TSC2003
7
SBAS162G
www.ti.com
TYPICAL CHARACTERISTICS: +2.7V
At TA = +25°C, +VDD = +2.7V, VREF = External +2.5V, I2C bus frequency = 3.4MHz, PD1 = PD0 =0, unless otherwise noted.
SUPPLY CURRENT vs TEMPERATURE
–40
–20
0
20
40
60
80
100
Temperature (
°C)
300
250
200
150
100
50
0
High-Speed Mode = 3.4MHz
Fast Mode = 400kHz
Standard Mode = 100kHz
SUPPLY CURRENT vs V
DD
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
High-Speed Mode = 3.4MHz
Fast Mode = 400kHz
Standard Mode = 100kHz
SUPPLY CURRENT vs I2C BUS FREQUENCY
10
10000
100
1000
I2C Bus Frequency (kHz)
300
250
200
150
100
50
High-Speed Mode
Fast/Standard Mode
SUPPLY CURRENT (Part Not Addressed) vs V
DD
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
1000
900
800
700
600
500
400
300
200
100
0
High-Speed Mode = 3.4MHz
Fast
Mode = 400kHz
Standard
Mode = 100kHz
SUPPLY CURRENT (Part Not Addressed)
vs TEMPERATURE
–40
–20
0
20
40
80
60
100
Temperature (
°C)
100
90
80
70
60
50
40
30
20
10
0
High-Speed Mode = 3.4MHz
Fast Mode = 400kHz
Standard Mode = 100kHz
CHANGE IN GAIN vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
4.0
3.0
2.0
1.0
0.0
–1.0
–2.0
–3.0
–4.0
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com