Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2003 Datasheet(PDF) 18 Page - Texas Instruments

Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2003 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSC2003 Datasheet HTML 14Page - Texas Instruments TSC2003 Datasheet HTML 15Page - Texas Instruments TSC2003 Datasheet HTML 16Page - Texas Instruments TSC2003 Datasheet HTML 17Page - Texas Instruments TSC2003 Datasheet HTML 18Page - Texas Instruments TSC2003 Datasheet HTML 19Page - Texas Instruments TSC2003 Datasheet HTML 20Page - Texas Instruments TSC2003 Datasheet HTML 21Page - Texas Instruments TSC2003 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
TSC2003
18
SBAS162G
www.ti.com
I2C High-Speed Operation
The TSC2003 can operate with high-speed I2C masters. To
do so, the simple resistor pull-up on SCL must be changed
to the active pull-up, as recommended in the I2C specification.
The I2C bus will be operating in standard or fast mode
initially. Following a START condition, the master will send
the code 00001xxx, which the slave will not acknowledge. At
this point, the bus is now operating in high-speed mode. The
bus will remain in high-speed mode until a STOP condition
occurs. Therefore, to maximize throughput only repeated
STARTs should be used to separate transactions.
Since the TSC2003 may not have completed a conversion
before a read to the part can be requested, the TSC2003 is
capable of stretching the clock until the converted data is
stored in its internal shift register. Once the data is latched,
the TSC2003 will release the clock line so that the master
can receive the converted data. A complete high-speed
Conversion Cycle is shown in Figure 14.
Data Format
The TSC2003 output data is in Straight Binary format, as
shown in Figure 15. This shows the ideal output code for the
given input voltage, and does not include the effects of
offset, gain, or noise.
8-Bit Conversion
The TSC2003 provides an 8-bit conversion mode (M = 1)
that can be used when faster throughput is needed, and the
digital result is not as critical (for example, measuring pres-
sure). By switching to the 8-bit mode, a conversion result can
be read by transferring only one data byte.
This shortens each conversion by four bits and reduces data
transfer time which results in fewer clock cycles and provides
lower power consumption.
D11
D10
D9
D8
D7
D6
D5
D4
A
D3
D0
N
P
S
0
0
0
0
1
X
X
X
Sr
1
0
0
1
0
A1
A0
W
A
C3
C2
C1
C0
PD1
PD0
M
X
A
Sr
1
0
0
1
0
A1
A0
R
A
SCLH is stretched LOW until A/D Converter is finished converting data.
N
D2
D1
00
0
0
F/S Mode
HS-Mode Enabled
A/D Converter Power-Down Mode
A/D Converter Powers Up and Begins Sampling
Fixed Address Part
Programmable
A/D Converter Stops Sampling and Begins Conversion Using Internal Clock
A/D Converter Goes Into Power-Down Mode After Finishing Conversion (If PD0 = 0)
Exit HS-Mode and Enter F/S Mode
16 Bits + Ack
S = START
Sr = REPEATED START
P = STOP
= Master Controls Bus
= Slave Controls Bus
FIGURE 14. High-Speed I2C Mode Conversion Cycle.
0V
FS = Full-Scale Voltage = V
REF
(1)
1LSB = V
REF
(1)/4096
FS – 1LSB
11...111
11...110
11...101
00...010
00...001
00...000
1LSB
NOTES: (1) Reference voltage at converter: +REF – (–REF). See Figure 2.
(2) Input voltage at converter, after multiplexer: +IN – (–IN). See Figure 2
Input Voltage(2) (V)
FIGURE 15. Ideal Input Voltages and Output Codes.
LAYOUT
The following layout suggestions should provide optimum
performance from the TSC2003. However, many portable
applications have conflicting requirements concerning power,
cost, size, and weight. In general, most portable devices
have fairly “clean” power and grounds because most of the
internal components are very low power. This situation would
mean less bypassing for the converter's power, and less
concern regarding grounding. Still, each situation is unique,
and the following suggestions should be reviewed carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com