Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1042IRNQR Datasheet (PDF) - Texas Instruments

TUSB1042IRNQR Datasheet PDF - Texas Instruments
Part # TUSB1042IRNQR
Download  TUSB1042IRNQR Download
File Size   1141.48 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB1042I USB Type-C™ 10 Gbps 2:1 Linear Redriver Switch

TUSB1042IRNQR Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1042IRNQR Datasheet PDF - Texas Instruments

Part # TUSB1042IRNQR
Download  TUSB1042IRNQR Click to download

File Size   1141.48 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB1042I USB Type-C™ 10 Gbps 2:1 Linear Redriver Switch

TUSB1042IRNQR Datasheet (HTML) - Texas Instruments


TUSB1042IRNQR Product details

1 Features
1• USB Type-C™ 2:1 redriver switch
• USB 3.1 Gen 1/Gen 2 up to 10 Gbps
• Ultra-low-power architecture
• Linear redriver with up to 14 dB equalization
• Automatic LFPS de-emphasis control to meet
USB 3.1 certification requirements
• Configuration through GPIO or I2C
• Intel proprietary DCI capability on USB Type-C for
closed chassis debugging
• Hot-plug capable
• Industrial temperature range: -40ºC to 85ºC
• 4 mm x 6 mm, 0.4 mm pitch WQFN package

2 Applications
• Tablets
• Notebooks
• Desktops
• Docking stations

3 Description
The TUSB1042I is a redriving switch supporting USB
3.1 data rates up to 10 Gbps. The TUSB1042I
provides several levels of receive linear equalization
to compensate for inter-symbol interference (ISI) due
to cable and board trace loss. The device operates
on a single 3.3 V supply and comes in the industrial
temperature range.




Similar Part No. - TUSB1042IRNQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1042IRNQR TI1-TUSB1042IRNQR Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042IRNQR TI1-TUSB1042IRNQR Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
More results


Similar Description - TUSB1042IRNQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com