Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB322I Datasheet (PDF) - Texas Instruments

TUSB322I Datasheet PDF - Texas Instruments
Part # TUSB322I
Download  TUSB322I Download
File Size   1521.55 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN

TUSB322I Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB322I Datasheet PDF - Texas Instruments

Part # TUSB322I
Download  TUSB322I Click to download

File Size   1521.55 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN

TUSB322I Datasheet (HTML) - Texas Instruments


TUSB322I Product details

1 Features
• USB Type-C™ Specification 1.1
• Backward Compatible with USB Type-C
Specification 1.0
• Supports Up to 3 A of Current Advertisement and
Detection
• Mode Configuration
– Host Only – DFP/Source (I2C Mode only)
– Device Only – UFP/Sink (I2C Mode only)
– Dual Role Port – DRP
• Channel Configuration (CC)
– Attach of USB Port Detection
– Cable Orientation Detection
– Role Detection
– Type-C Current Mode (Default, Medium, High)
+u
• VBUS Detection
• I2C or GPIO Control
• VCONN Support for Active Cables
• Cable Detection and Direction Control
for External Switches
• Role Configuration Control through I2C
• Supply Voltage: 4.5 V to 5.5 V
• Low Current Consumption
• Industrial Temperature Range of –40 to 85°C

2 Applications
• Host, Device, Dual Role Port Applications
• Mobile Phones
• Tablets and Notebooks
• USB Peripherals

Description
The TUSB322I device enables USB Type-C ports
with the configuration channel (CC) logic required
for Type-C ecosystems. The TUSB322I device uses
the CC pins to determine port attach and detach,
cable orientation, role detection, and port control for
Type-C current mode. The TUSB322I device can
be configured as a downstream facing port (DFP),
upstream facing port (UFP), or a dual role port (DRP),
making the TUSB322I device ideal for any application.
The TUSB322I device alternates configuration as a
DFP or UFP according to the Type-C Specifications.
The CC logic block monitors the CC1 and CC2 pins
for pullup or pulldown resistances to determine when
a USB port has been attached, the orientation of the
cable, and the role detected. The CC logic detects
the Type-C current mode as default, medium, or high
depending on the role detected. VBUS detection is
implemented to determine a successful attach in UFP
and DRP modes. The TUSB322I will supply VCONN
when an active cable is detected.
The device operates over a wide supply range and
has low-power consumption. The TUSB322I device is
available in industrial temperature ranges.




Similar Part No. - TUSB322I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
TUSB322I TI2-TUSB322I Datasheet
965Kb / 35P
TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
TUSB322IRWBR TI1-TUSB322IRWBR Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB322IRWBR TI2-TUSB322IRWBR Datasheet
965Kb / 35P
TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
REVISED MAY 2017
More results


Similar Description - TUSB322I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB321AI TI1-TUSB321AI Datasheet
825Kb / 21P
USB Type-C Configuration Channel Logic and Port Control
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
Configuration Channel Logic and Port Control
TUSB321AI TI1-TUSB321AI_15 Datasheet
825Kb / 21P
TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
TUSB322I TI1-TUSB322I_15 Datasheet
1Mb / 37P
TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
logo
ON Semiconductor
NCP398 ONSEMI-NCP398 Datasheet
686Kb / 12P
USB Type-C VCONN Overvoltage Protection IC
August, 2016 ??Rev. 1
logo
Texas Instruments
TUSB320 TI1-TUSB320 Datasheet
1Mb / 35P
USB Type-C Configuration Channel Logic and Port Control
TUSB320HI TI1-TUSB320HI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB320LAI TI1-TUSB320LAI Datasheet
1Mb / 38P
USB Type-C Configuration Channel Logic and Port Control
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
USB Type-C Configuration Channel Logic and Port Control with VCONN
logo
Will Semiconductor Ltd.
WUSB3831Q WILLSEMI-WUSB3831Q Datasheet
699Kb / 15P
USB Type-C CC Adapter with Vconn Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com