Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB322I Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 2 Page - Texas Instruments

  TUSB322I Datasheet HTML 1Page - Texas Instruments TUSB322I Datasheet HTML 2Page - Texas Instruments TUSB322I Datasheet HTML 3Page - Texas Instruments TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Revision History.............................................................. 2
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Timing Requirements..................................................6
5.7 Switching Characteristics............................................7
6 Detailed Description........................................................8
6.1 Overview..................................................................... 8
6.2 Functional Block Diagram........................................... 8
6.3 Feature Description.....................................................8
6.4 Device Functional Modes..........................................13
6.5 Programming............................................................ 15
6.6 Register Maps...........................................................17
7 Application and Implementation.................................. 21
7.1 Application Information............................................. 21
7.2 Typical Application.................................................... 21
7.3 Initialization Set Up................................................... 28
8 Layout.............................................................................29
8.1 Layout Guidelines..................................................... 29
8.2 Layout Example........................................................ 29
9 Device and Documentation Support............................30
9.1 Documentation Support............................................ 30
9.2 Receiving Notification of Documentation Updates....30
9.3 Community Resources..............................................30
10 Mechanical, Packaging, and Orderable
Information.................................................................... 30
3 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (May 2017) to Revision D (March 2021)
Page
• Updated INTERRUPT_STATUS field description to clarify that a write of 1 is required to clear the field.........18
Changes from Revision B (September 2016) to Revision C (May 2017)
Page
• Changed RVBUS values From: MIN = 891, TYP = 900, MAX = 909 KΩ To: MIN = 855, TYP = 887, MAX = 920
KΩ ......................................................................................................................................................................5
Changes from Revision A (May 2016) to Revision B (September 2016)
Page
• Changed pins CC1 and CC2 values From: MIN = –0.3 MAX = VDD + 0.3 To: MIN –0.3 MAX = 6 in the Section
5.1 ......................................................................................................................................................................4
Changes from Revision * (October 2015) to Revision A (May 2016)
Page
• Added Shutdown current consumption to Section 5.5 table............................................................................... 5
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com