Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB322I Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments TUSB322I Datasheet HTML 11Page - Texas Instruments TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments TUSB322I Datasheet HTML 16Page - Texas Instruments TUSB322I Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Note
When using the 3.3-V supply for I2C, the end user must ensure that the VDD is 3 V and above.
Otherwise the I2C can back power the device.
6.3.6 VBUS Detection
The TUSB322I device supports VBUS detection according to the Type-C Specification. VBUS detection is used
to determine the attachment and detachment of a UFP and to determine the entering and exiting of accessary
modes. VBUS detection is also used to successfully resolve the role in DRP mode.
The system VBUS voltage must be routed through a 900-kΩ resistor to the VBUS_DET pin on the TUSB322I
device.
6.3.7 Cable Orientation and External MUX Control
The TUSB322I device has the ability to control an external/discrete MUX using the DIR pin. The TUSB322I
detects the cable orientation by monitoring the voltage on the CC pins. When a voltage level within the proper
threshold is detected on CC1, the DIR pin is pulled low. When a voltage level within the proper threshold is
detected on CC2, the DIR is pulled high. The DIR pin is an open drain output. The I2C communicates the cable
orientation status for the TUSB322I device.
6.3.8 VCONN Support for Active Cables
The TUSB322I device supplies VCONN to active cables when configured in DFP mode or in DRP acting as a
DFP mode. VCONN is provided only when the unconnected CC pin is terminated to a resistance, Ra, and after a
UFP is detected and the Attached.SRC state is entered. When in DFP mode or in DRP acting as a DFP mode, a
5-V source must be connected to the VDD pin of the TUSB322I device after Attached.SRC. VCONN is supplied
from VDD through a low resistance power FET out to the unconnected CC pin. VCONN is removed when a
detach event is detected and the active cable is removed.
6.4 Device Functional Modes
The TUSB322I device has four functional modes. Table 6-4 lists these modes:
Table 6-4. USB Type-C States According to TUSB322I Functional Modes
MODES
GENERAL BEHAVIOR
MODE
STATES(1)
Unattached
USB port unattached. ID, PORT
operational. I2C on.
UFP-Only
Unattached.SNK
AttachWait.SNK
DRP
Toggle Unattached.SNK → Unattached.SRC
AttachedWait.SRC or AttachedWait.SNK
DFP-Only
Unattached.SRC
AttachWait.SRC
Active
USB port attached. All GPIOs
operational. I2C on.
UFP-Only
Attached.SNK
Audio Accessory
Debug Accessory
DRP
Attached.SNK
Attached.SRC
Audio accessory
Debug accessory
DFP-Only
Attached.SRC
Audio accessory
Debug accessory
Dead battery
No operation.
VDD not available.
DRP
Default device state to UFP/SNK with Rd.
www.ti.com
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com