Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB322I Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 22Page - Texas Instruments TUSB322I Datasheet HTML 23Page - Texas Instruments TUSB322I Datasheet HTML 24Page - Texas Instruments TUSB322I Datasheet HTML 25Page - Texas Instruments TUSB322I Datasheet HTML 26Page - Texas Instruments TUSB322I Datasheet HTML 27Page - Texas Instruments TUSB322I Datasheet HTML 28Page - Texas Instruments TUSB322I Datasheet HTML 29Page - Texas Instruments TUSB322I Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
7.2.3 UFP in I2C Mode
Figure 7-5 shows the TUSB322I device configured as a UFP in I2C mode.
VBUS
DP
DM
CC1
CC2
TUSB322
CC2
CC1
VBUS_DET
900K
USB VBUS Switch
(optional BC 1.2 support for legacy)
DM_IN
DP_IN
VOUT
DM_OUT
DP_OUT
VIN
150uF
System VBUS
100nF
VDD_5V
USB3
and
PMIC
4.7K
4.7K
SDA/OUT1
SCL/OUT2
INT_N/OUT3
ID
200K
200K
I2C I/O
1.8V or 3.3V
EN
SCL
SDA
FAULT#
DM
DP
PS_EN
PS_FAULT#
VBUS
ID
INT#
SCL
SDA
1uF
OEN
A0P
A0N
A1P
A1N
B0P
B0N
B1P
B1N
C0P
C0N
C1P
C1N
SEL
TXN1
TXP1
RXN1
RXP1
TXP2
TXN2
RXP2
RXN2
TXN1
TXP1
RXN1
RXP1
TXP2
TXN2
RXP2
RXN2
SSTXP
SSTXN
SSRXP
SSRXN
VCC_3.3V
10K
VCC_3.3V
100nF
100nF
100nF
100nF
100uF
VCONN bulk
cap
Copyright © 2016, Texas Instruments Incorporated
B1
A1
A12
B12
A2
A3
A4
A5
A11
A6
A7
A8
A9
A10
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B2
Figure 7-5. UFP in I2C Mode Schematic
7.2.3.1 Design Requirements
For the design example, use the parameters listed in Table 7-4:
Table 7-4. Design Requirements for UFP in I2C Mode
DESIGN PARAMETER
VALUE
VDD (4.5 V to 5.5 V)
5 V
Mode (I2C or GPIO)
I2C
ADDR pin must be pulled down or pulled up
I2C address (0x61 or 0x60)
0x47
ADDR pin must be pulled low or tied to GND
Type-C port type (UFP, DFP, or DRP)
UFP
MODE_SELECT = 2'b01
VCONN Support
No
7.2.3.2 Detailed Design Procedure
The TUSB322I device supports a VDD in the range of 4.5 V to 5.5 V. In this particular case, VDD is set to 5 V. A
100-nF capacitor is placed near VDD.
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com