Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB322I Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 2Page - Texas Instruments TUSB322I Datasheet HTML 3Page - Texas Instruments TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Rp_ODext
External pullup resistor on open drain IOs (INT_N/OUT3,
ID)
200
kΩ
Rp_TLext
Tri-level input external pullup resistor (ADDR)
4.7
kΩ
I2C - SDA/OUT1, SCL/OUT2 can operate from 1.8 or 3.3 V (±10%) when ADDR pin is low or high. (2)
VDD_I2C
Supply range for I2C (SDA/OUT1, SCL/OUT2)
1.65
1.8
3.6
V
VIH
High-level signal voltage
1.05
V
VIL
Low-level signal voltage
0.4
V
VOL
Low-level signal output voltage (open drain)
IOL = –1.6 mA
0.4
V
VBUS_DET IO Pins (Connected to System VBUS signal)
VBUS_THR
VBUS threshold range
2.95
3.3
3.8
V
RVBUS
External resistor between VBUS and VBUS_DET pin
855
887
920
KΩ
RVBUS_PD
Internal pulldown resistance for VBUS_DET
95
KΩ
DIR pin (Open Drain IO)
VOL
Low-level signal output voltage
IOL = –1.6 mA
0.4
V
VCONN
RON
On resistance of the VCONN power FET
1.25
Ω
VTOL
Voltage tolerance on VCONN power FET
5.5
V
VPASS
Voltage to pass through VCONN power FET
5.5
V
IVCONN
VCONN current limit; VCONN is disconnected above the
value
225
300
375
mA
CBULK
Bulk capacitance on VCONN; placed on VDD supply
10
200
uF
(1)
VDD must be 3.5 V or greater to advertise 3 A current.
(2)
When using 3.3 V for I2C, customer must ensure VDD is above 3.0 V at all times.
5.6 Timing Requirements
MIN
NOM
MAX
UNIT
I2C (SDA, SCL)
tSU:DAT
Data setup time
100
ns
tHD;DAT
Data hold time
10
ns
tSU:STA
Set-up time, SCL to start condition
0.6
µs
tHD:STA
Hold time, (repeated) start condition to SCL
0.6
µs
tSU:STO
Set up time for stop condition
0.6
µs
tVD;DAT
Data valid time
0.9
µs
tVD;ACK
Data valid acknowledge time
0.9
µs
tBUF
Bus free time between a stop and start condition
1.3
µs
fSCL
SCL clock frequency; I2C mode for local I2C control
400
kHz
tr
Rise time of both SDA and SCL signals
300
ns
tf
Fall time of both SDA and SCL signals
300
ns
CBUS_100KHZ Total capacitive load for each bus line when operating at ≤ 100 KHz
400
pF
CBUS_400KHZ Total capacitive load for each bus line when operating at 400 KHz.
100
pF
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com