Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PI Datasheet (PDF) - Texas Instruments

TUSB522PI Datasheet PDF - Texas Instruments
Part # TUSB522PI
Download  TUSB522PI Download
File Size   2484.77 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer

TUSB522PI Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB522PI Datasheet PDF - Texas Instruments

Part # TUSB522PI
Download  TUSB522PI Click to download

File Size   2484.77 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer

TUSB522PI Datasheet (HTML) - Texas Instruments


TUSB522PI Product details

1 Features
• USB3.1 GEN1 5Gbps, dual-channel re-driver with
3.3-V power supply
• Ultra-low-power architecture:
– Active: 98 mA
– U2, U3: 1.2 mA
– Disconnect 265 μA
– Shutdown 60 μA
• Optimal receiver equalization:
– of 3, 6, 9 dB at 2.5 GHz
• Output driver de-emphasis of 0, 3.5, and 6 dB
• Automatic LFPS de-emphasis control to meet USB
3.1 certification requirements
• No host or device-side requirement
• Hot-plug capable
• Industrial temperature range: –40°C to 85°C
TUSB522PI
• Commercial temperature range: 0°C to 70°C
TUSB522P

2 Applications
• Cell phones
• Tablets
• Notebooks
• Desktops
• Docking stations
• Backplanes and active cables

3 Description
The TUSB522P is a fourth generation, dual-channel,
single-lane USB 3.1 GEN1 redriver and signal
conditioner supporting 5Gbps. The device offers low
power consumption on a 3.3 V supply with its ultralow-
power architecture. The redriver also supports the
USB 3.1 low power modes, which further reduces idle
power consumption.
The dual-channel capability enables the system
to maintain signal integrity on both transmit and
receive data paths. The receiver equalization has
three gain settings to overcome channel degradation
from insertion loss and inter-symbol interference.
These settings are controlled from the EQ pins.
To compensate for transmission line losses, the
output driver supports configuration of De-Emphasis
with pins DE. Additionally, automatic LFPS De-
Emphasis control allows for full USB 3.1 compliance.
These settings allow optimal performance, increased
signaling distance, and flexibility in placement of the
TUSB522P in the USB 3.1 GEN1 path.




Similar Part No. - TUSB522PI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB522PI TI1-TUSB522PI Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
TUSB522PIRGER TI1-TUSB522PIRGER Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
TUSB522PIRGET TI1-TUSB522PIRGET Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
More results


Similar Description - TUSB522PI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14972 MAXIM-MAX14972 Datasheet
1Mb / 12P
Dual SuperSpeed USB 3.0 Equalizer/Redriver
Rev 1; 3/12
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
TUSB522P TI1-TUSB522P Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
Dual-Channel USB 3.0 Redriver and Equalizer
logo
ON Semiconductor
NB7NPQ1004M ONSEMI-NB7NPQ1004M Datasheet
197Kb / 11P
3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
June, 2018 ??Rev. 0
NB7NPQ7021M ONSEMI-NB7NPQ7021M Datasheet
109Kb / 9P
3.3V USB 3.1 Dual Channel Linear Redriver
December, 2017 ??Rev. 1
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com