Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PI Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB522PI
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PI Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB522PI Datasheet HTML 2Page - Texas Instruments TUSB522PI Datasheet HTML 3Page - Texas Instruments TUSB522PI Datasheet HTML 4Page - Texas Instruments TUSB522PI Datasheet HTML 5Page - Texas Instruments TUSB522PI Datasheet HTML 6Page - Texas Instruments TUSB522PI Datasheet HTML 7Page - Texas Instruments TUSB522PI Datasheet HTML 8Page - Texas Instruments TUSB522PI Datasheet HTML 9Page - Texas Instruments TUSB522PI Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TUSB522P
UNIT
RGE (VQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
51.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.9
°C/W
RθJB
Junction-to-board thermal resistance
28.3
°C/W
ψJT
Junction-to-top characterization parameter
2.0
°C/W
ψJB
Junction-to-board characterization parameter
28.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics, Power Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(ACTIVE)
Average active current
Link in U0 with GEN1 data transmission.
RSV, EQ cntrl pins = NC, EN_RXD = VCC,
k28.5 pattern at 5Gbps,
VID = 1000 mVpp, OS = 900 mV and DE =
3.5 dB
98
mA
ICC(U2U3)
Average current in U2/U3
Link in U2 or U3
1.2
mA
ICC(NC)
Average current disconnect mode
Link in Disconnect mode
265
µA
ICC(SHUTDOWN)
Average shutdown current
EN_RXD = L
60
µA
6.6 Electrical Characteristics, DC
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3-State CMOS Inputs(EQ1/2, DE1/2)
VIH
High-level input voltage
VCC x 0.8
V
VIM
Mid-level input voltage
VCC / 2.
V
VIL
Low-level input voltage
VCC x 0.2
V
VF
Floating voltage
VIN = High impedance
0.36 x VCC
V
RPU
Internal pull-up resistance
410
kΩ
RPD
Internal pull-down resistance
240
kΩ
IIH
High-level input current
VIN = 3.6 V
26
µA
IIL
Low-level input current
VIN = GND, VCC = 3.6.V
–26
µA
2-State CMOS Input (OS1/2, EN_RXD)
VIH
High-level input voltage
VCC x 0.7
V
VIL
Low-level input voltage
VCC x 0.3
V
RPD
Internal pull-down resistance
660
kΩ
IIH
Low-level input current
VIN = 3.6 V
25
µA
IIL
Low-level input current
VIN = GND, VCC = 3.6.V
–10
µA
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com