Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PI Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB522PI
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB522PI Datasheet HTML 6Page - Texas Instruments TUSB522PI Datasheet HTML 7Page - Texas Instruments TUSB522PI Datasheet HTML 8Page - Texas Instruments TUSB522PI Datasheet HTML 9Page - Texas Instruments TUSB522PI Datasheet HTML 10Page - Texas Instruments TUSB522PI Datasheet HTML 11Page - Texas Instruments TUSB522PI Datasheet HTML 12Page - Texas Instruments TUSB522PI Datasheet HTML 13Page - Texas Instruments TUSB522PI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
7.3 Feature Description
7.3.1 Receiver Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference
in the system before the input of the TUSB522P. The receiver overcomes these losses by attenuating the low
frequency components of the signals with respect to the high frequency components. The proper gain setting
should be selected to match the channel insertion loss before the input of the TUSB522P receivers. The gain
setting may differ for channel 1 and channel 2.
7.3.2 De-Emphasis Control and Output Swing
The differential driver output provides selectable de-emphasis and output swing control in order to achieve
USB3.1 compliance. The TUSB522P offers a unique way to adjust output de-emphasis and transmitter swing
based on the OS1/2 and DE1/2 pins. The level of de-emphasis required in the system depends on the channel
length after the output of the re-driver. The output swing and de-emphasis levels may differ for channel 1 and
channel 2.
Figure 7-1. Transmitter Differential Voltage, OS = Floating
7.3.3 Automatic LFPS Detection
The TUSB522P features an intelligent low frequency periodic signaling (LFPS) controller. The controller senses
the low frequency signals and automatically disables the driver de-emphasis, for full USB3.1 compliance.
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com