Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet (PDF) - Texas Instruments

TUSB8043A Datasheet PDF - Texas Instruments
Part # TUSB8043A
Download  TUSB8043A Download
File Size   2531.0 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB8043A Four-port USB 3.2 x1 Gen1 Hub

TUSB8043A Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB8043A Datasheet PDF - Texas Instruments

Part # TUSB8043A
Download  TUSB8043A Click to download

File Size   2531.0 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB8043A Four-port USB 3.2 x1 Gen1 Hub

TUSB8043A Datasheet (HTML) - Texas Instruments


TUSB8043A Product details

1 Features
1• Four port USB 3.2 x1 Gen1 (5 Gbps) hub
• USB 2.0 hub features
– Multi transaction translator (MTT) hub: four
transaction translators
– Two asynchronous endpoint buffers per
transaction translator
• Supports battery charging:
– Supports D+/D- divider charging port (ACP1,
ACP2, and ACP3) when the upstream port is
unconnected or not configured
– Supports automatic mode for transition
between DCP or ACP modes when the
upstream port is unconnected
– Supports galaxy charging
– CDP mode (upstream port connected)
– DCP mode (upstream port unconnected)
– DCP mode complies with chinese
telecommunications industry standard YD/T
1591-2009
• Supports Operation as a USB 3.2 x1 Gen1 or
USB 2.0 Compound Device
• Per port or ganged power switching and overcurrent
notification inputs
• Supports four external downstream ports plus
internal USB 2.0-only port for USB HID to I2C
functionality
• Internal downstream port for I2C control through
USB HID supports high-speed, full-speed
operation. Its speed matches that of the upstream
port.
• Supports vendor requests to read and write I2C
and EEPROM read at 100 k and 400 k (Default)
• I2C master supports clock stretching
• OTP ROM, Serial EEPROM or I2C/SMBus slave
interface for custom configurations:
– VID and PID
– Port customizations
– Manufacturer and product strings (not by OTP
ROM)
– Serial number (not by OTP ROM)
• Application Feature selection using pin selection
or EEPROM or I2C/SMBus slave interface
• Provides 128-Bit Universally Unique Identifier
(UUID)
• Supports on-board and in-system EEPROM
programming Via the USB 2.0 upstream port
• Single clock input, 24-MHz crystal or oscillator
• Downstream ports configurable to USB2.0 only
• 64-Pin QFN package (RGC)

2 Applications
Computer systems, docking stations, monitors,
set-top boxes

3 Description
The TUSB8043A is a four-port USB 3.2 x1 Gen1 (5
Gbps) hub. It provides simultaneous SuperSpeed
USB and high-speed/full-speed connections on the
upstream port and provides SuperSpeed USB, highspeed,
full-speed, or low-speed connections on the
downstream ports. When the upstream port is
connected to an electrical environment that only
supports high-speed or full-speed/low-speed
connections, SuperSpeed USB connectivity is
disabled on the downstream ports.




Similar Part No. - TUSB8043A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
TUSB8043AI TI1-TUSB8043AI Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
TUSB8043AIRGCR TI1-TUSB8043AIRGCR Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
TUSB8043AIRGCT TI1-TUSB8043AIRGCT Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
TUSB8043ARGCR TI1-TUSB8043ARGCR Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
More results


Similar Description - TUSB8043A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
Four-Port USB 3.1 Gen1 Hub
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com