Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 3 Page - Texas Instruments

  TUSB8043A Datasheet HTML 1Page - Texas Instruments TUSB8043A Datasheet HTML 2Page - Texas Instruments TUSB8043A Datasheet HTML 3Page - Texas Instruments TUSB8043A Datasheet HTML 4Page - Texas Instruments TUSB8043A Datasheet HTML 5Page - Texas Instruments TUSB8043A Datasheet HTML 6Page - Texas Instruments TUSB8043A Datasheet HTML 7Page - Texas Instruments TUSB8043A Datasheet HTML 8Page - Texas Instruments TUSB8043A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
3
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Description (continued)
When the upstream port is connected to an electrical environment that only supports full-speed/low-speed
connections, SuperSpeed USB and high-speed connectivity are disabled on the downstream ports.
The TUSB8043A supports per port or ganged power switching and over-current protection, and supports battery
charging applications.
An individually port power controlled hub switches power on or off to each downstream port as requested by the
USB host. Also when an individually port power controlled hub senses an over-current event, only power to the
affected downstream port is switched off.
A ganged hub switches on power to all its downstream ports when power is required to be on for any port. The
power to the downstream ports is not switched off unless all ports are in a state that allows power to be removed.
Also when a ganged hub senses an over-current event, power to all downstream ports is switched off.
The TUSB8043A downstream ports provide support for battery charging applications by providing Battery
Charging Downstream Port (CDP) handshaking support. It also supports a Dedicated Charging Port (DCP) mode
when the upstream port is not connected. The DCP mode supports USB devices which support with the USB
Battery Charging, Galaxy Charging, and Chinese Telecommunications Industry Standard YD/T 1591-2009. In
addition when upstream port is unconnected, the TUSB8043A supports the divider charging port modes (ACPx
modes) and an automatic transition through all modes, starting with ACP3 and ending in DCP.
The TUSB8043A provides pin strap configuration for some features including battery charging support, and also
provides customization though OTP ROM, I2C EEPROM, or via an I2C/SMBus slave interface for PID, VID, and
custom port and phy configurations. Custom string support is also available when using an I2C EEPROM or the
I2C/SMBus slave interface.
The TUSB8043A supports programming of an attached EEPROM through its internal USB HID to I2C interface.
The device is available in a 64-pin RGC package and is offered in a commercial version (TUSB8043A) for
operation over the temperature range of 0°C to 70°C, and in an industrial version (TUSB8043AI) for operation
over the temperature range of –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com