Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 28Page - Texas Instruments TUSB8043A Datasheet HTML 29Page - Texas Instruments TUSB8043A Datasheet HTML 30Page - Texas Instruments TUSB8043A Datasheet HTML 31Page - Texas Instruments TUSB8043A Datasheet HTML 32Page - Texas Instruments TUSB8043A Datasheet HTML 33Page - Texas Instruments TUSB8043A Datasheet HTML 34Page - Texas Instruments TUSB8043A Datasheet HTML 35Page - Texas Instruments TUSB8043A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
32
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.12 USB 2.0 Port Polarity Control Register
Figure 13. Register Offset Bh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 17. Bit Descriptions – USB 2.0 Port Polarity Control Register
Bit
Field
Type
Description
7
customPolarity
RW
Custom USB 2.0 Polarity. This bit controls the ability to write the
p[4:0]_usb2pol bits.
0 = The p[4:0]_usb2pol bits are read only and the values are loaded
from the OTP ROM.
1 = The p[4:0]_usb2pol bits are read/write and can be loaded by
EEPROM or written by SMBus.
This bit may be written simultaneously with the p[4:0]_usb2pol bits
6:5
RSVD
RO
Reserved. Read only, returns 0 when read.
4
p4_usb2pol
RO/RW
Downstream Port 4 DM/DP Polarity. This controls the polarity of the
port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the pin
out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p4_usb2pol bit.
3
p3_usb2pol
RO/RW
Downstream Port 3 DM/DP Polarity. This controls the polarity of the
port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the pin
out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p3_usb2pol bit.
2
p2_usb2pol
RO/RW
Downstream Port 2 DM/DP Polarity. This controls the polarity of the
port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the pin
out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p2_usb2pol bit.
1
p1_usb2pol
RORW
Downstream Port 1 DM/DP Polarity. This controls the polarity of the
port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the pin
out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p1_usb2pol bit.
0
p0_usb2pol
RO/RW
Upstream Port DM/DP Polarity. This controls the polarity of the port.
0 = USB 2.0 port polarity is as documented by the pin out
1 = USB 2.0 port polarity is swapped from that documented in the pin
out, i.e. DM becomes DP, and DP becomes DM.
This bit is read only unless the customPolarity bit is set to 1. If
customPolarity is 0 the value of this bit reflects the value of the OTP
ROM p0_usb2pol bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com