Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 17Page - Texas Instruments TUSB8043A Datasheet HTML 18Page - Texas Instruments TUSB8043A Datasheet HTML 19Page - Texas Instruments TUSB8043A Datasheet HTML 20Page - Texas Instruments TUSB8043A Datasheet HTML 21Page - Texas Instruments TUSB8043A Datasheet HTML 22Page - Texas Instruments TUSB8043A Datasheet HTML 23Page - Texas Instruments TUSB8043A Datasheet HTML 24Page - Texas Instruments TUSB8043A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
21
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3.6 Crystal Requirements
The crystal must be fundamental mode with load capacitance of 12 pF - 24 pF and frequency stability rating of
±100 PPM or better. To ensure proper startup oscillation condition, a maximum crystal equivalent series
resistance (ESR) of 50 Ω is recommended. A parallel load capacitor should be used if a crystal source is used.
The exact load capacitance value used depends on the crystal vendor. Refer to application note Selection and
Specification for Crystals for Texas Instruments USB2.0 devices (SLLA122) for details on how to determine the
load capacitance value.
8.3.7 Input Clock Requirements
When using an external clock source such as an oscillator, the reference clock should have a ±100 PPM or
better frequency stability and have less than 50-ps absolute peak to peak jitter or less than 25-ps peak to peak
jitter after applying the USB 3.2 Gen1 jitter transfer function. XI should be tied to the 1.8-V clock source and XO
should be left floating.
8.3.8 Power-Up and Reset
The TUSB8043A does not have specific power sequencing requirements with respect to the core power (VDD)
or I/O and analog power (VDD33) as long as GRSTz is held in an asserted state while supplies ramp. The core
power (VDD) or I/O power (VDD33) may be powered up for an indefinite period of time while the other is not
powered up if all of these constraints are met:
All maximum ratings and recommended operating conditions are observed.
All warnings about exposure to maximum rated and recommended conditions are observed, particularly
junction temperature. These apply to power transitions as well as normal operation.
Bus contention while VDD33 is powered up must be limited to 100 hours over the projected life-time of the
device.
Bus contention while VDD33 is powered down may violate the absolute maximum ratings.
A supply bus is powered up when the voltage is within the recommended operating range. It is powered down
when it is below that range, either stable or in transition.
A minimum reset duration of 3 ms is required. This is defined as the time when the power supplies are in the
recommended operating range to the de-assertion of GRSTz. This can be generated using programmable-delay
supervisory device or using an RC circuit. When a RC circuit is used, the external capacitor size chosen must be
large enough to meet the 3ms minimum duration requirement. The R of the RC circuit is the internal RPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com