Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet(PDF) 39 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 35Page - Texas Instruments TUSB8043A Datasheet HTML 36Page - Texas Instruments TUSB8043A Datasheet HTML 37Page - Texas Instruments TUSB8043A Datasheet HTML 38Page - Texas Instruments TUSB8043A Datasheet HTML 39Page - Texas Instruments TUSB8043A Datasheet HTML 40Page - Texas Instruments TUSB8043A Datasheet HTML 41Page - Texas Instruments TUSB8043A Datasheet HTML 42Page - Texas Instruments TUSB8043A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
39
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.25 SMBus Device Status and Command Register
Figure 26. Register Offset F8h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 30. Bit Descriptions – SMBus Device Status and Command Register
Bit
Field
Type
Description
7:2
RSVD
RO
Reserved. Read only, returns 0 when read.
1
smbusRst
RSU
SMBus interface reset. This bit loads the registers back to their GRSTz
values. Note, that since this bit can only be set when in SMBus mode
the cfgActive bit is also reset to 1. When software sets this bit it must
reconfigure the registers as necessary.
This bit is set by writing a 1 and is cleared by hardware on completion
of the reset. A write of 0 has no effect.
0
cfgActive
RCU
Configuration active. This bit indicates that configuration of the
TUSB8043A is currently active. The bit is set by hardware when the
device enters the I2C or SMBus mode. The TUSB8043A shall not
connect on the upstream port while this bit is 1.
When in I2C mode, the bit is cleared by hardware when the
TUSB8043A exits the I2C mode.
When in the SMBus mode, this bit must be cleared by the SMBus host
in order to exit the configuration mode and allow the upstream port to
connect.
The bit is cleared by a writing 1. A write of 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com