Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 6Page - Texas Instruments TUSB8043A Datasheet HTML 7Page - Texas Instruments TUSB8043A Datasheet HTML 8Page - Texas Instruments TUSB8043A Datasheet HTML 9Page - Texas Instruments TUSB8043A Datasheet HTML 10Page - Texas Instruments TUSB8043A Datasheet HTML 11Page - Texas Instruments TUSB8043A Datasheet HTML 12Page - Texas Instruments TUSB8043A Datasheet HTML 13Page - Texas Instruments TUSB8043A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
10
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.5 Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low Power Modes
IDD_PWRO
N
VDD current after Power On (after reset)
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
18
mA
IDD33_PW
RON
VDD33 current after Power On (after
reset)
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
2
mA
IDD_UPDIS
C
VDD current when upstream port is
disconnected
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
23
mA
IDD33_UP
DISC
VDD33 current when upstream port is
disconnected
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
2
mA
IDD_SUSP
END
VDD current in Suspend
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
23
mA
IDD33_SUS
PEND
VDD33 current in Suspend
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
2
mA
Active Power Modes (US State / DS State)
IDD_SMBU
S
VDD current during SMbus programming. VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
290
mA
IDD33_SM
BUS
VDD33 current during SMbus
programming
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
75
mA
IDD_3H_1S
S_0HS_U12
VDD current upstream port connected to
USB 3.0 Host, downstream port(s)
connected to 1 SS device, and 0 HS
device. Links in U1/U2.
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
220
mA
IDD33_3H_
1SS_0HS_
U12
VDD33 current upstream port connected
to USB 3.0 Host, downstream port(s)
connected to 1 SS device, and 0 HS
device. Links in U1/U2.
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
45
mA
IDD_3H_1S
S_0HS_U0
VDD current upstream port connected to
USB 3.0 Host, downstream port(s)
connected to 1 SS device, and 0 HS
device. Links in U0.
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
330
mA
IDD33_3H_
1SS_0HS_
U0
VDD33 current upstream port connected
to USB 3.0 Host, downstream port(s)
connected to 1 SS device, and 0 HS
device. Links in U0.
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
45
mA
IDD_3H_2S
S_0HS_U12
VDD current upstream port connected to
USB 3.0 Host, downstream port(s)
connected to 2 SS devices, and 0 HS
device. Links in U1/U2
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
301
mA
IDD33_3H_
2SS_0HS_
U12
VDD33 current upstream port connected
to USB 3.0 Host, downstream port(s)
connected to 2 SS devices, and 0 HS
device. Links in U1/U2
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
45
mA
IDD_3H_2S
S_0HS_U0
VDD current upstream port connected to
USB 3.0 Host, downstream port(s)
connected to 2 SS devices, and 0 HS
device. Links in U0.
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
460
mA
IDD33_3H_
2SS_0HS_
U0
VDD33 current upstream port connected
to USB 3.0 Host, downstream port(s)
connected to 2 SS devices, and 0 HS
device. Links in U0.
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
45
mA
IDD_3H_3S
S_0HS_U12
VDD current upstream port connected to
USB 3.0 Host, downstream port(s)
connected to 3 SS devices, and 0 HS
device. Links in U1/U2
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
372
mA
IDD33_3H_
3SS_0HS_
U12
VDD33 current upstream port connected
to USB 3.0 Host, downstream port(s)
connected to 3 SS devices, and 0 HS
device. Links in U1/U2
VDD = 1.1V; VDD33 = 3.3V; TA = 25 °C;
45
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com