Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 23Page - Texas Instruments TUSB8043A Datasheet HTML 24Page - Texas Instruments TUSB8043A Datasheet HTML 25Page - Texas Instruments TUSB8043A Datasheet HTML 26Page - Texas Instruments TUSB8043A Datasheet HTML 27Page - Texas Instruments TUSB8043A Datasheet HTML 28Page - Texas Instruments TUSB8043A Datasheet HTML 29Page - Texas Instruments TUSB8043A Datasheet HTML 30Page - Texas Instruments TUSB8043A Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
27
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.5 Product ID LSB Register
Figure 6. Register Offset 3h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
0
0
0
0
0
0
Table 10. Bit Descriptions – Product ID LSB Register
Bit
Field
Type
Description
7:0
productIdLsb
RO/RW
Product ID LSB. Least significant byte of the product ID assigned by
Texas Instruments and reported in the SuperSpeed Device descriptor.
the default value of this register is 40h representing the LSB of the
SuperSpeed product ID assigned by Texas Instruments The value
reported in the USB 2.0 Device descriptor is the value of this register
bit wise XORed with 00000010b. The value may be over-written to
indicate a customer product ID.
Value used for this field is the non-zero value written by
EEPROM/SMBus to both PID and VID. If a zero value is written by
EEPROM/SMbus to both PID and VID, then value used for this field is
the non-zero value from OTP. If a zero value is written by OTP, then
value used for this field is 40h .
8.5.6 Product ID MSB Register
Figure 7. Register Offset 4h
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
0
0
0
0
0
1
1
Table 11. Bit Descriptions – Product ID MSB Register
Bit
Field
Type
Description
7:0
productIdMsb
RO/RW
Product ID MSB. Most significant byte of the product ID assigned by
Texas Instruments; the default value of this register is 83h representing
the MSB of the product ID assigned by Texas Instruments. The value
may be over-written to indicate a customer product ID.
Value used for this field is the non-zero value written by
EEPROM/SMBus to both PID and VID. If a zero value is written by
EEPROM/SMbus to both PID and VID, then value used for this field is
the non-zero value from OTP. If a zero value is written by OTP, then
value used for this field is 83h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com