Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043A Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 13Page - Texas Instruments TUSB8043A Datasheet HTML 14Page - Texas Instruments TUSB8043A Datasheet HTML 15Page - Texas Instruments TUSB8043A Datasheet HTML 16Page - Texas Instruments TUSB8043A Datasheet HTML 17Page - Texas Instruments TUSB8043A Datasheet HTML 18Page - Texas Instruments TUSB8043A Datasheet HTML 19Page - Texas Instruments TUSB8043A Datasheet HTML 20Page - Texas Instruments TUSB8043A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
17
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3.2
USB Power Management
The TUSB8043A can be configured for power switched applications using either per-port (Full power managed)
or ganged power-enable controls and over-current status inputs. When battery charge is enabled, the
TUSB8043A always functions in full power managed.
Power switch support is enabled by REG_5h (fullPwrMgmtz) and the per-port or ganged mode is configured by
REG_5h(ganged).
The TUSB8043A supports both active high and active low power-enable controls. The PWRCTL[4:1] polarity is
configured by REG_Ah(pwrctlPol). The power control polarity can also be selected by the PWRCTL_POL pin.
8.3.3 I2C Programming Support Using Internal HID to I2C Interface
The TUSB8043A I2C programming mode is supported using class-specific requests through the HID interface.
The HID embedded port is numbered 1 greater than the highest numbered exposed port. The internal HID to I2C
function of the TUSB8043A does not have an interrupt OUT endpoint. The TUSB8043A supports GET REPORT
(Input) through the HID interrupt and control endpoints. The GET REPORT (Feature) and SET REPORT (Output)
occurs through the control endpoint.
Table 3. HID Requests I2C Programming Support
COMMAND
bmRequestType
bRequest
wValue
wIndex
wLength
DATA
Setup field Offset
Offset = 0
Offset = 1
Offset = 2
Offset = 4
Offset = 6
N/A
GET REPORT
A1H
01H
0100H – input
0300H - feature
0000H
Report Length
Report
SET REPORT
21H
09H
0200H – output
0000H
Report Length
Report
Other HID class specific requests are optional and not supported (SET IDLE, SET PROTOCOL, GET IDLE, GET
PROTOCOL) . Also report IDs are not required since all requests are not interleaved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com