Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4536 Datasheet (PDF) - STMicroelectronics

HCC4536 Datasheet PDF - STMicroelectronics
Part # HCC4536
Download  HCC4536 Download
File Size   351.13 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE TIMER

HCC4536 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4536 Datasheet PDF - STMicroelectronics

Part # HCC4536
Download  HCC4536 Click to download

File Size   351.13 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE TIMER

HCC4536 Datasheet (HTML) - STMicroelectronics


HCC4536 Product details

DESCRIPTION
The HCC4536B (extended temperature range) and HCF4536B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package.
   
■ 24 FLIP-FLOP STAGES - COUNTS FROM
    20 TO 224
■ LAST 16 STAGES SELECTABLE BY BCD SELECT CODE
■ BYPASS INPUT ALLOWS BYPASSING FIRST
    8 STAGES
■ ON-CHIP RC OSCILLATOR PROVISION
■ CLOCK INHIBIT INPUT
■ SCHMITT-TRIGGER IN CLOCK LINE PERMITS OPERATION WITH VERY LONG RISE
    AND FALL TIMES
■ ON-CHIP MONOSTABLE OUTPUT PROVISION
■ TYPICAL fCL = 3MHz AT VDD = 10V
■ TEST MODE ALLOWS FAST TEST SEQUENCE
■ SET AND RESET INPUTS
■ CAPABLE OF DRIVING TWO LOW POWER
    TTL LOADS, ONE LOWER-POWER
    SCHOTTKY LOAD, OR TWO HTL LOADS
    OVER THE RATED TEMPERATURE RANGE
■ STANDARDIZED, SYMMETRICAL OUTPUT
    CHARACTERISTICS
■ QUIESCENT CURRENT AT 20V FOR HCC DEVICE
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF100 nA AT 18V AND 25°C
    FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
    STANDARD No. 13A, ”STANDARD
    SPECIFICATIONS FOR DESCRIPTION OF ”B”
    SERIES CMOS DEVICES”
   




Similar Part No. - HCC4536

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
8-BIT PRIORITY ENCODER
Jun-1989
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4532BD STMICROELECTRONICS-HCC4532BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4532BF STMICROELECTRONICS-HCC4532BF Datasheet
312Kb / 15P
8-BIT PRIORITY ENCODER
Jun-1989
HCC4532BK STMICROELECTRONICS-HCC4532BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results


Similar Description - HCC4536

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com