Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4536 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4536
Description  PROGRAMMABLE TIMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4536 Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4536 Datasheet HTML 1Page - STMicroelectronics HCC4536 Datasheet HTML 2Page - STMicroelectronics HCC4536 Datasheet HTML 3Page - STMicroelectronics HCC4536 Datasheet HTML 4Page - STMicroelectronics HCC4536 Datasheet HTML 5Page - STMicroelectronics HCC4536 Datasheet HTML 6Page - STMicroelectronics HCC4536 Datasheet HTML 7Page - STMicroelectronics HCC4536 Datasheet HTML 8Page - STMicroelectronics HCC4536 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HCC/HCF4536B
PROGRAMMABLE TIMER
.
24 FLIP-FLOP STAGES - COUNTS FROM
2
0 TO 224
.
LAST 16 STAGES SELECTABLE BY BCD SE-
LECT CODE
.
BYPASS INPUT ALLOWS BYPASSING FIRST
8 STAGES
.
ON-CHIP RC OSCILLATOR PROVISION
.
CLOCK INHIBIT INPUT
.
SCHMITT-TRIGGER IN CLOCK LINE PER-
MITS OPERATION WITH VERY LONG RISE
AND FALL TIMES
.
ON-CHIP MONOSTABLE OUTPUT PROVI-
SION
.
TYPICAL fCL = 3MHz AT VDD = 10V
.
TEST MODE ALLOWS FAST TEST SE-
QUENCE
.
SET AND RESET INPUTS
.
CAPABLE OF DRIVING TWO LOW POWER
TTL
LOADS,
ONE
LOWER-POWER
SCHOTTKY LOAD, OR TWO HTL LOADS
OVER THE RATED TEMPERATURE RANGE
.
STANDARDIZED, SYMMETRICAL OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT AT 20V FOR HCC DE-
VICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100 nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
November 1996
DESCRIPTION
The HCC4536B (extended temperature range) and
HCF4536B (intermediate temperature range) are
monolithic integrated circuits, available in 16-lead
dual in-line plastic or ceramic package. The
HCC/HCF4536B is a programmable timer consi-
sting of 24 ripple-binary counter stages. The salient
feature of this device is its flexibility. The device can
count from 1 to 2
24 or the first 8 stages can be by-
passed to allow an output, selectable by a 4-bit co-
de, from any one of the remaining 16 stages. It can
be driven by an external clock or an RC oscillator
that can be constructed using on-chip components.
EY
(Plastic Package)
F
(Ceramic Package)
C1
(Chip Carrier)
ORDER CODES :
HCC4536BF
HCF4536BEY
HCF4536BC1
PIN CONNECTIONS
1/17


Similar Part No. - HCC4536

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
8-BIT PRIORITY ENCODER
Jun-1989
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4532BD STMICROELECTRONICS-HCC4532BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4532BF STMICROELECTRONICS-HCC4532BF Datasheet
312Kb / 15P
8-BIT PRIORITY ENCODER
Jun-1989
HCC4532BK STMICROELECTRONICS-HCC4532BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

Similar Description - HCC4536

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com