Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4536 Datasheet(PDF) 12 Page - STMicroelectronics

Part # HCC4536
Description  PROGRAMMABLE TIMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4536 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HCC4536 Datasheet HTML 8Page - STMicroelectronics HCC4536 Datasheet HTML 9Page - STMicroelectronics HCC4536 Datasheet HTML 10Page - STMicroelectronics HCC4536 Datasheet HTML 11Page - STMicroelectronics HCC4536 Datasheet HTML 12Page - STMicroelectronics HCC4536 Datasheet HTML 13Page - STMicroelectronics HCC4536 Datasheet HTML 14Page - STMicroelectronics HCC4536 Datasheet HTML 15Page - STMicroelectronics HCC4536 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Functional Test Sequence
Inputs
Outputs
Comments
I n1
Set
Reset
8-Bypass
Decade Out
Q 1 Thru Q 2 4
All 2 4 steps a r e in reset mode.
101
1
0
111
1
0
Counter is in three 8-stage section in parallel
mode.
0
1
1
1
0
First ”1” to ”0” Transition of Clock
1
0
–
–
11
1
255 ”1” to ”0” transitions are clocked in the
counter.
0
1
1
1
1
The 255 ”1” to ”0” Transition
000
0
1
Counter converted back to 24 stages in series
mode.
Set and Reset must be connected together and
simultaneoulsy go from ”1” to ”0”.
100
0
1
In 1 switches to a ”1”.
0
0
0
0
0
Counter Ripples from an all ”1” state to an all ”0”
state.
Input Voltage.
Quiescent Device Current.
TEST CIRCUITS
FUNCTIONAL TEST SEQUENCE
Test Function has been included for the reduction of
test time required to exercise all 24 counter stages.
This test function divides the counter into three 8-
stage section and 255 counts are loaded in each of
the 8-stage sections in parallel. All flip-flops are now
at a ”1”. The counter is now returned to the normal
24-steps in series configuration. One more pulse is
entered into In1 which will cause the counter to ripple
from an all ”1” state to an all ”0” state.
HCC/HCF4536B
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com