Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4536 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCC4536
Description  PROGRAMMABLE TIMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4536 Datasheet(HTML) 2 Page - STMicroelectronics

  HCC4536 Datasheet HTML 1Page - STMicroelectronics HCC4536 Datasheet HTML 2Page - STMicroelectronics HCC4536 Datasheet HTML 3Page - STMicroelectronics HCC4536 Datasheet HTML 4Page - STMicroelectronics HCC4536 Datasheet HTML 5Page - STMicroelectronics HCC4536 Datasheet HTML 6Page - STMicroelectronics HCC4536 Datasheet HTML 7Page - STMicroelectronics HCC4536 Datasheet HTML 8Page - STMicroelectronics HCC4536 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V DD*
Supply Voltage : HCC Types
HCF Types
– 0.5 to + 20
– 0.5 to + 18
V
V
Vi
Input Voltage
– 0.5 to VDD + 0.5
V
I I
DC Input Current (any one input)
± 10
mA
Pto t
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package-temperature Range
200
100
mW
mW
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
T stg
Storage Temperature
– 65 to + 150
°C
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability.
* All voltages are with respect to VSS (GND).
Input IN1 serves as either the external clock input or
the input to the on-chip RC oscillator. OUT1 and
OUT2 are connection terminals for the external RC
components. In addition, an on-chip monostable cir-
cuit is provided to allow a variable pulse width out-
put. Various timing functions can be achieved using
combinations of these capabilities. A logic 1 on the
8-BYPASS input enables a bypass of the first 8 sta-
ges and makes stage 9 the first counter stage of the
last 16 stages. Selection of 1 of 16 outputs is accom-
plished by the decoder and the BCD inputs A, B, C
and D. MONO IN is the timing input for the on-chip
monostable oscillator. Grounding of the MONO IN
terminal through a resistor of 10K
Ω or higher, disa-
bles the one-shot circuit and connects the decoder
directly to the DECODE OUT terminal. A resistor to
VDD and a capacitor to ground from the MONO IN
terminal enables the one-shot circuit and controls its
pulse width. A fast test mode is enabled by a logic
1 on 8-BYPASS, SET, and RESET. This mode di-
vides the 24-stage counter into three 8-stage sec-
tions to facilitate a fast test sequence.
HCC/HCF4536B
2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com