Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGP Datasheet (PDF) - Texas Instruments

CC113LRGP Datasheet PDF - Texas Instruments
Part # CC113LRGP
Download  CC113LRGP Download
File Size   1521.9 Kbytes
Page   87 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC113L Value Line Receiver

CC113LRGP Datasheet (PDF)

Go To PDF Page Download Datasheet
CC113LRGP Datasheet PDF - Texas Instruments

Part # CC113LRGP
Download  CC113LRGP Click to download

File Size   1521.9 Kbytes
Page   87 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC113L Value Line Receiver

CC113LRGP Datasheet (HTML) - Texas Instruments


CC113LRGP Product details

1.1 Features 1
• RF Performance
– Receive Sensitivity Down to −116 dBm at
0.6 kbps
– Programmable Data Rate from 0.6 to 600 kbps
– Frequency Bands: 300–348 MHz,
387–464 MHz, and 779–928 MHz
– 2-FSK, 4-FSK, GFSK, MSK, and OOK
Supported
• Digital Features
– Flexible Support for Packet Oriented Systems
– On-chip Support for Sync Word Detection,
Flexible Packet Length, and Automatic CRC
Calculation
• Low-Power Features
– 200-nA Sleep Mode Current Consumption
– Fast Startup Time; 240 μs From Sleep to RX
Mode
– 64-Byte RX FIFO
• General
– Few External Components; Completely On-chip
Frequency Synthesizer, No External Filters or
RF Switch Needed
– Green Package: RoHS Compliant and No
Antimony or Bromine
– Small Size (QLP 4- x 4-mm Package, 20 Pins)
– Suited for Systems Targeting Compliance with
EN 300 220 (Europe) and FCC CFR Part 15
(US)
– Support for Asynchronous and Synchronous
Serial Transmit Mode for Backward
Compatibility with Existing Radio
Communication Protocols

1.2 Applications
• Ultra Low-Power Wireless Applications Operating
in the 315-, 433-, 868-, 915-MHz ISM or SRD
Bands
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Remote Controls
• Toys
• Home and Building Automation

1.3 Description
The CC113L is a cost optimized sub-1 GHz RF receiver for the 300–348 MHz, 387–464 MHz, and
779–928 MHz frequency bands. The circuit is based on the popular CC1101 RF transceiver, and RF
performance characteristics are identical. The CC115L transmitter together with the CC113L receiver
enable a low-cost RF link.
The RF receiver is integrated with a highly configurable baseband demodulator. The modem supports
various modulation formats and has a configurable data rate up to 600 kbps.
The CC113L provides extensive hardware support for packet handling, data buffering, and burst
transmissions.
The main operating parameters and the 64-byte receive FIFO of CC113L can be controlled through a
serial peripheral interface (SPI). In a typical system, the CC113L will be used together with a
microcontroller and a few additional passive components.




Similar Part No. - CC113LRGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC113LRGP TI1-CC113LRGP Datasheet
1Mb / 86P
Value Line Receiver
CC113LRGPR TI1-CC113LRGPR Datasheet
1Mb / 86P
Value Line Receiver
CC113LRGPT TI1-CC113LRGPT Datasheet
1Mb / 86P
Value Line Receiver
More results


Similar Description - CC113LRGP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Texas Instruments
CC110L TI1-CC110L Datasheet
1Mb / 83P
Value Line Transceiver
CC113L TI1-CC113L Datasheet
1Mb / 75P
Value Line Receiver
CC115L TI1-CC115L Datasheet
1Mb / 61P
Value Line Transmitter
CC110L TI1-CC110L_12 Datasheet
1Mb / 85P
Value Line Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
logo
Texas Instruments
CC110LRGPR TI-CC110LRGPR Datasheet
1Mb / 84P
Value Line Transceiver
CC115LRTKR TI-CC115LRTKR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRTKT TI-CC115LRTKT Datasheet
1Mb / 60P
Value Line Transmitter
CC113L TI1-CC113L_14 Datasheet
1Mb / 86P
Value Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com