Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGP Datasheet(PDF) 1 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 1 Page - Texas Instruments

  CC113LRGP Datasheet HTML 1Page - Texas Instruments CC113LRGP Datasheet HTML 2Page - Texas Instruments CC113LRGP Datasheet HTML 3Page - Texas Instruments CC113LRGP Datasheet HTML 4Page - Texas Instruments CC113LRGP Datasheet HTML 5Page - Texas Instruments CC113LRGP Datasheet HTML 6Page - Texas Instruments CC113LRGP Datasheet HTML 7Page - Texas Instruments CC113LRGP Datasheet HTML 8Page - Texas Instruments CC113LRGP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
CC113L Value Line Receiver
1
Device Overview
1.1
Features
1
• RF Performance
• General
– Receive Sensitivity Down to
−116 dBm at
– Few External Components; Completely On-chip
0.6 kbps
Frequency Synthesizer, No External Filters or
RF Switch Needed
– Programmable Data Rate from 0.6 to 600 kbps
– Green Package: RoHS Compliant and No
– Frequency Bands: 300–348 MHz,
Antimony or Bromine
387–464 MHz, and 779–928 MHz
– Small Size (QLP 4- x 4-mm Package, 20 Pins)
– 2-FSK, 4-FSK, GFSK, MSK, and OOK
Supported
– Suited for Systems Targeting Compliance with
EN 300 220 (Europe) and FCC CFR Part 15
• Digital Features
(US)
– Flexible Support for Packet Oriented Systems
– Support for Asynchronous and Synchronous
– On-chip Support for Sync Word Detection,
Serial Transmit Mode for Backward
Flexible Packet Length, and Automatic CRC
Compatibility with Existing Radio
Calculation
Communication Protocols
• Low-Power Features
– 200-nA Sleep Mode Current Consumption
– Fast Startup Time; 240
μs From Sleep to RX
Mode
– 64-Byte RX FIFO
1.2
Applications
•
Ultra Low-Power Wireless Applications Operating
•
Industrial Monitoring and Control
in the 315-, 433-, 868-, 915-MHz ISM or SRD
•
Remote Controls
Bands
•
Toys
•
Wireless Alarm and Security Systems
•
Home and Building Automation
1.3
Description
The CC113L is a cost optimized sub-1 GHz RF receiver for the 300–348 MHz, 387–464 MHz, and
779–928 MHz frequency bands. The circuit is based on the popular CC1101 RF transceiver, and RF
performance characteristics are identical. The CC115L transmitter together with the CC113L receiver
enable a low-cost RF link.
The RF receiver is integrated with a highly configurable baseband demodulator. The modem supports
various modulation formats and has a configurable data rate up to 600 kbps.
The CC113L provides extensive hardware support for packet handling, data buffering, and burst
transmissions.
The main operating parameters and the 64-byte receive FIFO of CC113L can be controlled through a
serial peripheral interface (SPI). In a typical system, the CC113L will be used together with a
microcontroller and a few additional passive components.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC113LRGP
QFN (20)
4.00 mm × 4.00 mm
(1)
For more information on these devices, see Section 8, Mechanical Packaging and Orderable
Information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC113LRGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC113LRGP TI1-CC113LRGP Datasheet
1Mb / 86P
Value Line Receiver
CC113LRGPR TI1-CC113LRGPR Datasheet
1Mb / 86P
Value Line Receiver
CC113LRGPT TI1-CC113LRGPT Datasheet
1Mb / 86P
Value Line Receiver
More results

Similar Description - CC113LRGP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Texas Instruments
CC110L TI1-CC110L Datasheet
1Mb / 83P
Value Line Transceiver
CC113L TI1-CC113L Datasheet
1Mb / 75P
Value Line Receiver
CC115L TI1-CC115L Datasheet
1Mb / 61P
Value Line Transmitter
CC110L TI1-CC110L_12 Datasheet
1Mb / 85P
Value Line Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
logo
Texas Instruments
CC110LRGPR TI-CC110LRGPR Datasheet
1Mb / 84P
Value Line Transceiver
CC115LRTKR TI-CC115LRTKR Datasheet
1Mb / 60P
Value Line Transmitter
CC115LRTKT TI-CC115LRTKT Datasheet
1Mb / 60P
Value Line Transmitter
CC113L TI1-CC113L_14 Datasheet
1Mb / 86P
Value Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com