Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGP Datasheet(PDF) 13 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 9Page - Texas Instruments CC113LRGP Datasheet HTML 10Page - Texas Instruments CC113LRGP Datasheet HTML 11Page - Texas Instruments CC113LRGP Datasheet HTML 12Page - Texas Instruments CC113LRGP Datasheet HTML 13Page - Texas Instruments CC113LRGP Datasheet HTML 14Page - Texas Instruments CC113LRGP Datasheet HTML 15Page - Texas Instruments CC113LRGP Datasheet HTML 16Page - Texas Instruments CC113LRGP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
16.5
17.0
17.5
18.0
18.5
19.0
19.5
±100
±80
±60
±40
±20
Input Power Level (dBm)
±40ƒC
25°C
85°C
C003
16.2
16.4
16.6
16.8
17.0
17.2
17.4
17.6
17.8
±110
±90
±70
±50
±30
±10
Input Power Level (dBm)
25°C
±40ƒC
85°C
C001
16.2
16.4
16.6
16.8
17.0
17.2
17.4
17.6
17.8
±100
±80
±60
±40
±20
Input Power Level (dBm)
±40ƒC
25°C
85°C
C002
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
4.12 Typical Characteristics
4.12.1 Typical Characteristics, RX Current Consumption
Figure 4-1. Typical RX Current Consumption Over Temperature
Figure 4-2. Typical RX Current Consumption Over Temperature
and Input Power Level, 868 or 915 MHz, Sensitivity Optimized
and Input Power Level, 868 or 915 MHz, Sensitivity Optimized
Setting – 1.2 kBaud GFSK
Setting – 38.4 kBaud GFSK
Figure 4-3. Typical RX Current Consumption Over Temperature and Input Power Level, 868 or 915 MHz, Sensitivity Optimized
Setting – 250 kBaud GFSK
Copyright © 2011–2014, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com