Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGP Datasheet(PDF) 49 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 45Page - Texas Instruments CC113LRGP Datasheet HTML 46Page - Texas Instruments CC113LRGP Datasheet HTML 47Page - Texas Instruments CC113LRGP Datasheet HTML 48Page - Texas Instruments CC113LRGP Datasheet HTML 49Page - Texas Instruments CC113LRGP Datasheet HTML 50Page - Texas Instruments CC113LRGP Datasheet HTML 51Page - Texas Instruments CC113LRGP Datasheet HTML 52Page - Texas Instruments CC113LRGP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.21 Configuration Registers
The configuration of CC113L is done by programming 8-bit registers. The optimum configuration data
based on selected system parameters are most easily found by using the SmartRF Studio software
SWRC176. Complete descriptions of the registers are given in the following tables. After chip reset, all the
registers have default values as shown in the tables. The optimum register setting might differ from the
default value. After a reset, all registers that shall be different from the default value therefore needs to be
programmed through the SPI interface.
There are 8 command strobe registers, listed in Table 5-16. Accessing these registers will initiate the
change of an internal state or mode. There are 43 normal 8-bit configuration registers listed in Table 5-17
and SmartRF Studio will provide recommended settings for these registers (Addresses marked as “Not
Used” can be part of a burst access and one can write a dummy value to them. Addresses marked as
“Reserved” must be configured according to SmartRF Studio ).
There are also 8 status registers that are listed in Table 5-18. These registers, which are read-only,
contain information about the status of CC113L.
The RX FIFO is accessed through one 8-bit register. During the header byte transfer and while writing
data to a register, a status byte is returned on the SO line. This status byte is described in Table 5-2
Table 5-19 summarizes the SPI address space. The address to use is given by adding the base address
to the left and the burst and read/write bits on the top. Note that the burst bit has different meaning for
base addresses above and below 0x2F.
Table 5-16. Command Strobes
Address
Strobe Name
Description
0x30
SRES
Reset chip.
0x31
Reserved
0x32
SXOFF
Turn off crystal oscillator.
Calibrate frequency synthesizer and turn it off. SCAL can be strobed
0x33
SCAL
from IDLE mode without setting manual calibration mode (
MCSM0.FS_AUTOCAL=0)
In IDLE state: Enable RX. Perform calibration first if
0x34
SRX
MCSM0.FS_AUTOCAL=1.
0x35
Reserved
0x36
SIDLE
Enter IDLE state
0x37 - 0x38
Reserved
0x39
SPWD
Enter power down mode when CSn goes high.
Flush the RX FIFO buffer. Only issue SFRX in IDLE or
0x3A
SFRX
RXFIFO_OVERFLOW states.
0x3B - 0x3C
Reserved
0x3D
SNOP
No operation. May be used to get access to the chip status byte.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com