Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGP Datasheet(PDF) 7 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 3Page - Texas Instruments CC113LRGP Datasheet HTML 4Page - Texas Instruments CC113LRGP Datasheet HTML 5Page - Texas Instruments CC113LRGP Datasheet HTML 6Page - Texas Instruments CC113LRGP Datasheet HTML 7Page - Texas Instruments CC113LRGP Datasheet HTML 8Page - Texas Instruments CC113LRGP Datasheet HTML 9Page - Texas Instruments CC113LRGP Datasheet HTML 10Page - Texas Instruments CC113LRGP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
4
Specifications
4.1
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings be violated. Stress exceeding one or more of the limiting values
may cause permanent damage to the device.
Parameter
Min
Max
Units
Condition
Supply voltage
–0.3
3.9
V
All supply pins must have the same voltage
VDD + 0.3,
Voltage on any digital pin
–0.3
V
max 3.9
Voltage on the pins RF_P, RF_N,
–0.3
2.0
V
DCOUPL, RBIAS
Voltage ramp-up rate
120
kV/µs
Input RF level
+10
dBm
4.2
Handling Ratings
Parameter
MIN
MAX
UNIT
Storage temperature
(default)
–50
150
°C
range, Tstg
Human Body Model (HBM), per ANSI/ESDA/JEDEC JS001(1)
750
V
ESD Stress Voltage,
VESD
Charged Device Model (CDM), per JJESD22-C101(2)
400
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V HBM allows safe manufacturing with a standard ESD control process.
4.3
Recommended Operating Conditions
Parameter
Min
Max
Unit
Condition
Operating temperature
–40
85
°C
Operating supply voltage
1.8
3.6
V
All supply pins must have the same voltage
4.4
General Characteristics
Parameter
Min
Typ
Max
Unit
Condition
300
348
MHz
If using a 27 MHz crystal, the lower frequency limit for this
Frequency range
387
464
MHz
band is 392 MHz
779
928
MHz
0.6
500
kBaud
2-FSK
0.6
250
kBaud
GFSK and OOK
Data rate
0.6
300
kBaud
4-FSK (the data rate in kbps will be twice the baud rate)
Optional Manchester encoding (the data rate in kbps will be
half the baud rate)
Copyright © 2011–2014, Texas Instruments Incorporated
Specifications
7
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com