Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C6264 Datasheet (PDF) - Alliance Semiconductor Corporation

AS6C6264 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS6C6264_V01
Download  AS6C6264 Download
File Size   1455.26 Kbytes
Page   13 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 8K X 8 BIT LOW POWER CMOS SRAM

AS6C6264 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6C6264 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS6C6264_V01
Download  AS6C6264 Click to download

File Size   1455.26 Kbytes
Page   13 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 8K X 8 BIT LOW POWER CMOS SRAM

AS6C6264 Datasheet (HTML) - Alliance Semiconductor Corporation


AS6C6264 Product details

FEATURES
Access time :55ns
Low power consumption:
Operation current : 15mA (TYP.), VCC = 3.0V
Standby current : 1μ A (TYP.), VCC = 3.0V
Wide range power supply : 2.7 ~ 5.5V
Fully Compatible with all Competitors 5V product
Fully Compatible with all Competitors 3.3V product
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage :1.5V (MIN.)
All products ROHS Compliant
Package : 28-pin 600 mil PDIP
28-pin 330 mil SOP
28-pin 8mm x 13.4mm sTSOP

GENERAL DESCRIPTION
The AS6C6264 is a 65,536-bit low power CMOS static random access memory organized as 8,192 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature.
The AS6C6264 is well designed for low power application, and particularly well suited for battery back-up nonvolatile memory application.
The AS6C6264 operates with wide range power supply.




Similar Part No. - AS6C6264_V01

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
AS6C6264A ALSC-AS6C6264A Datasheet
885Kb / 10P
Common data inputs and outputs
AS6C6264A-70PCN ALSC-AS6C6264A-70PCN Datasheet
885Kb / 10P
Common data inputs and outputs
AS6C6264A-70PIN ALSC-AS6C6264A-70PIN Datasheet
885Kb / 10P
Common data inputs and outputs
AS6C6264A-70SCN ALSC-AS6C6264A-70SCN Datasheet
885Kb / 10P
Common data inputs and outputs
More results


Similar Description - AS6C6264_V01

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
LY6264_1008 LYONTEK-LY6264_1008 Datasheet
287Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
8K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com