Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANLP1005 Datasheet (PDF) - Infinite Electronics International, Inc.

FMANLP1005 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMANLP1005
Download  FMANLP1005 Download
File Size   584.97 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 5150-5875 MHz, 15 dBi Gain, HV-pol, Log Periodic Antenna, 2 x N Female

FMANLP1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMANLP1005 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMANLP1005
Download  FMANLP1005 Click to download

File Size   584.97 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 5150-5875 MHz, 15 dBi Gain, HV-pol, Log Periodic Antenna, 2 x N Female

FMANLP1005 Datasheet (HTML) - Infinite Electronics International, Inc.


FMANLP1005 Product details

Features:
• Frequency coverage for
5150 MHz to 5875 MHz
• Very High Gain 15 dBi
Directional Antenna
• Each connector covers wide
band of frequencies
• Easy Install universal
mounting bracket provided
• Weatherproof ABS – UV
Resistance PVC radome
• Pigtail – 10 inches
• 2 x N-Type Female connector




Similar Part No. - FMANLP1005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANLP1003 FAIRVIEW-FMANLP1003 Datasheet
648Kb / 3P
617-960 / 1710-2700 MHz, 10/11 dBi, V-pol, Log Periodic Antenna, N Female Connector
REV 1.0 A
FMANLP1004 FAIRVIEW-FMANLP1004 Datasheet
638Kb / 3P
600-960 / 1710-2700 / 3300-3800 MHz, 7 / 9 / 11, MIMO Log Periodic Antenna, 2 x N Female Connector
REV 1.0 A
FMANLP1006 FAIRVIEW-FMANLP1006 Datasheet
573Kb / 3P
790-960 / 1710-2170 / 2300-2700 MHz, 11 dBi Gain, V-pol, Type N Female
REV 1.0 A
FMANLP1007 FAIRVIEW-FMANLP1007 Datasheet
588Kb / 3P
806-960 / 1710-2500 MHz, 9 dBi Gain, V-pol, Type N Female
REV 1.0 A
FMANLP1008 FAIRVIEW-FMANLP1008 Datasheet
596Kb / 3P
1920-2170 MHz, 10 dBi, Gain, V-pol, Type N Female
REV 1.0 A
More results


Similar Description - FMANLP1005

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LPDA-8003 TDK-LPDA-8003 Datasheet
259Kb / 2P
LPDA-8003 Log Periodic Dipole Antenna
TDK-HLP-2603 TDK-TDK-HLP-2603 Datasheet
61Kb / 2P
Hybrid Log Periodic Antenna
HLP-3003C TDK-HLP-3003C Datasheet
86Kb / 2P
Hybrid Log Periodic Antenna
logo
TE Connectivity Ltd
4-1982564-1 TEC-4-1982564-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
1513164-1 TEC-1513164-1 Datasheet
1Mb / 2P
2400 ??2483.5 & 5150 ??5875 MHz Dual Band Antenna
2195630-1 TEC-2195630-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
2195760-1 TEC-2195760-1 Datasheet
3Mb / 3P
1559-1606, 2400-2500 & 5150-5875 MHz GNSS/WiFi BAND ANTENNA
logo
Suzhou Maswell Communic...
AN_MASTER_004 MASWELL-AN_MASTER_004 Datasheet
1Mb / 17P
Maswell Ultra Wideband Log Periodic Antenna
AN_MASTER_004MIMO MASWELL-AN_MASTER_004MIMO Datasheet
1Mb / 17P
Maswell Ultra Wideband Log Periodic Antenna
AN_MASTER_005MIMO MASWELL-AN_MASTER_005MIMO Datasheet
1Mb / 17P
Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com