Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANLP1006 Datasheet (PDF) - Infinite Electronics International, Inc.

FMANLP1006 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMANLP1006
Download  FMANLP1006 Download
File Size   573.39 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 790-960 / 1710-2170 / 2300-2700 MHz, 11 dBi Gain, V-pol, Type N Female

FMANLP1006 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMANLP1006 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMANLP1006
Download  FMANLP1006 Click to download

File Size   573.39 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 790-960 / 1710-2170 / 2300-2700 MHz, 11 dBi Gain, V-pol, Type N Female

FMANLP1006 Datasheet (HTML) - Infinite Electronics International, Inc.


FMANLP1006 Product details

Features:
• Frequency coverage for
790 MHz to 2700 MHz
• Very High Gain 11 dBi
Directional Antenna
• Each connector covers wide
band of frequencies
• Easy Install universal
mounting bracket provided
• Weatherproof ABS radome
• Pigtail – 12 inches
• N-Type Female connector




Similar Part No. - FMANLP1006

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANLP1003 FAIRVIEW-FMANLP1003 Datasheet
648Kb / 3P
617-960 / 1710-2700 MHz, 10/11 dBi, V-pol, Log Periodic Antenna, N Female Connector
REV 1.0 A
FMANLP1004 FAIRVIEW-FMANLP1004 Datasheet
638Kb / 3P
600-960 / 1710-2700 / 3300-3800 MHz, 7 / 9 / 11, MIMO Log Periodic Antenna, 2 x N Female Connector
REV 1.0 A
FMANLP1005 FAIRVIEW-FMANLP1005 Datasheet
584Kb / 3P
5150-5875 MHz, 15 dBi Gain, HV-pol, Log Periodic Antenna, 2 x N Female
REV 1.0 A
FMANLP1007 FAIRVIEW-FMANLP1007 Datasheet
588Kb / 3P
806-960 / 1710-2500 MHz, 9 dBi Gain, V-pol, Type N Female
REV 1.0 A
FMANLP1008 FAIRVIEW-FMANLP1008 Datasheet
596Kb / 3P
1920-2170 MHz, 10 dBi, Gain, V-pol, Type N Female
REV 1.0 A
More results


Similar Description - FMANLP1006

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
2300 ??2700 MHz High Gain and Linearity
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070GM1T76 WALSIN-RFDIP1608070GM1T76 Datasheet
635Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
logo
TE Connectivity Ltd
2108994-1 TEC-2108994-1 Datasheet
2Mb / 3P
698-960, 1710-2170 & 2300-2700 MHz LTE/CELL BAND ANTENNA
2118614-1 TEC-2118614-1 Datasheet
515Kb / 5P
METASPAN 698-960, 1710-2170 & 2300-2700 MHz LTE / NB-IoT WORLD BAND ANTENNA
2118903-1 TEC-2118903-1 Datasheet
2Mb / 3P
698-960, 1710-2170 & 2300-2700 MHz LTE/CELL METASPAN ANTENNA
2195736-1 TEC-2195736-1 Datasheet
337Kb / 2P
698-960, 1420-1610, 1710-2170&2300-2700MHz GPS/LTE BAND ANTENNA
2195632-1 TEC-2195632-1 Datasheet
2Mb / 2P
880-960 & 1710-2300 MHz DUAL BAND ANTENNA
logo
Pulse A Technitrol Comp...
DASLTE500XXMIMO PULSE-DASLTE500XXMIMO Datasheet
899Kb / 16P
617-960/1710-2170/2300-2700/3400-3800/4900-7100MHz Ceiling mount
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com