Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANLP1007 Datasheet (PDF) - Infinite Electronics International, Inc.

FMANLP1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMANLP1007
Download  FMANLP1007 Download
File Size   588.12 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 806-960 / 1710-2500 MHz, 9 dBi Gain, V-pol, Type N Female

FMANLP1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMANLP1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMANLP1007
Download  FMANLP1007 Click to download

File Size   588.12 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 806-960 / 1710-2500 MHz, 9 dBi Gain, V-pol, Type N Female

FMANLP1007 Datasheet (HTML) - Infinite Electronics International, Inc.


FMANLP1007 Product details

Features:
• Frequency coverage for
806 MHz to 2500 MHz
• Very High Gain 9 dBi
Directional Antenna
• Each connector covers wide
band of frequencies
• Easy Install universal
mounting bracket provided
• Weatherproof ABS radome
• Pigtail – 12 inches
• N-Type Female connector




Similar Part No. - FMANLP1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANLP1003 FAIRVIEW-FMANLP1003 Datasheet
648Kb / 3P
617-960 / 1710-2700 MHz, 10/11 dBi, V-pol, Log Periodic Antenna, N Female Connector
REV 1.0 A
FMANLP1004 FAIRVIEW-FMANLP1004 Datasheet
638Kb / 3P
600-960 / 1710-2700 / 3300-3800 MHz, 7 / 9 / 11, MIMO Log Periodic Antenna, 2 x N Female Connector
REV 1.0 A
FMANLP1005 FAIRVIEW-FMANLP1005 Datasheet
584Kb / 3P
5150-5875 MHz, 15 dBi Gain, HV-pol, Log Periodic Antenna, 2 x N Female
REV 1.0 A
FMANLP1006 FAIRVIEW-FMANLP1006 Datasheet
573Kb / 3P
790-960 / 1710-2170 / 2300-2700 MHz, 11 dBi Gain, V-pol, Type N Female
REV 1.0 A
FMANLP1008 FAIRVIEW-FMANLP1008 Datasheet
596Kb / 3P
1920-2170 MHz, 10 dBi, Gain, V-pol, Type N Female
REV 1.0 A
More results


Similar Description - FMANLP1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51093 PASTERNACK-PE51093 Datasheet
109Kb / 1P
Dual Band ICM Dome Antenna 800-960 & 1710-2500 MHz, 3dBi
PE51096 PASTERNACK-PE51096 Datasheet
77Kb / 1P
Dual Band ICM Dome Antenna 806-960 & 1710-2500 MHz, 3dBi
PE51098 PASTERNACK-PE51098 Datasheet
289Kb / 1P
ICM Dome Antenna 800-960/1710-2500 MHz, 3 dBi
PE51054 PASTERNACK-PE51054 Datasheet
87Kb / 1P
Dual Band Panel Antenna 806-960 & 1710-2500MHz , 7dBi
PE51089 PASTERNACK-PE51089 Datasheet
299Kb / 1P
Mag Mount Antenna 890-960 & 1710-1880 MHz 3.0 dBi
logo
Pulse A Technitrol Comp...
LP800SMA PULSE-LP800SMA Datasheet
476Kb / 2P
LOW PROFILE 806-960 MHz
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com