Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49CB01J Datasheet (PDF) - Diodes Incorporated

PI6C49CB01J Datasheet PDF - Diodes Incorporated
Part # PI6C49CB01J
Download  PI6C49CB01J Download
File Size   1106.6 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Industrial Grade 1-to-1 Differential-to-LVCMOS/LVTTL Translator

PI6C49CB01J Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C49CB01J Datasheet PDF - Diodes Incorporated

Part # PI6C49CB01J
Download  PI6C49CB01J Click to download

File Size   1106.6 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Industrial Grade 1-to-1 Differential-to-LVCMOS/LVTTL Translator

PI6C49CB01J Datasheet (HTML) - Diodes Incorporated


PI6C49CB01J Product details

Features
ÎÎ One LVCMOS/LVTTL output
ÎÎ Differential CLK/nCLK input pair
ÎÎ CLK/nCLK pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
ÎÎ Output frequency: 360MHz
ÎÎ Additive phase jitter, RMS: 0.09ps (typical), 3.3V output
ÎÎ Full 3.3V and 2.5V operating supply
ÎÎ -40°C to 105°C ambient operating temperature
ÎÎ Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎ Halogen and Antimony Free. “Green” Device (Note 3)
ÎÎ For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative. https://www.diodes.com/quality/product-definitions/
ÎÎ Packaging (Pb-free & Green): Small 8-pin SOIC(W) package saves board space

Description
The PI6C49CB01J is a industrial grade 1-to-1 Differential-to-LVCMOS/LVTTL Translator High Performance Buffer. The differential input is highly flexible and can accept LVPECL, LVDS, LVHSTL, SSTL, and HCSL. The small 8-lead SOIC footprint makes this device ideal for use in applications with limited board space.

Application Information
Wiring the differential input to accept single ended levels Figure 1 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = VDD/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio of R1 and R2 might need to be adjusted to postion the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and R1/R2 = 0.609.




Similar Part No. - PI6C49CB01J

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C49CB01Q DIODES-PI6C49CB01Q Datasheet
1Mb / 7P
Automotive AEC-Q100 Qualified 1-to-1 Differential-to-LVCMOS/LVTTL Translator
September 2019
PI6C49CB01Q2WEX DIODES-PI6C49CB01Q2WEX Datasheet
1Mb / 7P
Automotive AEC-Q100 Qualified 1-to-1 Differential-to-LVCMOS/LVTTL Translator
September 2019
PI6C49CB01Q3WEX DIODES-PI6C49CB01Q3WEX Datasheet
1Mb / 7P
Automotive AEC-Q100 Qualified 1-to-1 Differential-to-LVCMOS/LVTTL Translator
September 2019
More results


Similar Description - PI6C49CB01J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
83021I RENESAS-83021I Datasheet
513Kb / 13P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com