Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSA110 Datasheet (PDF) - STMicroelectronics

IMSA110 Datasheet PDF - STMicroelectronics
Part # IMSA110
Download  IMSA110 Download
File Size   354.66 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IMAGE AND SIGNAL PROCESSING SUB.SYSTEM

IMSA110 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMSA110 Datasheet PDF - STMicroelectronics

Part # IMSA110
Download  IMSA110 Click to download

File Size   354.66 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IMAGE AND SIGNAL PROCESSING SUB.SYSTEM

IMSA110 Datasheet (HTML) - STMicroelectronics


IMSA110 Product details

. 1-D/2-D SOFTWARE CONFIGURABLE CON VOLVER/FILTER

. ON-CHIP PROGRAMMABLE LINE DELAYS (0 — 1120 STAGES)

. 8-BIT DATA AND 8.5-BIT COEFFICIENT SLICE

. 21 MULTIPLY-AND-ACCUMULATE STAGES

. 1-D (21) OR 2-D (3 x 7) CONVOLUTION WINDOW

. ON-CHIP POST PROCESSOR FOR DATA TRANSFORMATION

. FULLY CASCADABLE IN WINDOW SIZE AND ACCURACY

. 20 MHZ DATA THROUGHPUT (420 MOPS)

. SIGNED/UNSIGNED DATA AND COEFFICIENTS

. MICROPROCESSOR INTERFACE

. HIGH SPEED CMOS IMPLEMENTATION

. TTL COMPATIBLE

. SINGLE +5V ± 10% SUPPLY

. POWER DISSIPATION < 2.0 WATTS

. 100 PIN CERAMIC PGA



APPLICATIONS

. 1-D and 2-D digital convolution and correlation

. Real time image processing and enhancement

. Edge and feature detection

. Data transformation and histogram equalisation

. Computer vision and robotics

. Template matching

. Pulse compression

. 1-D or 2-D interpolation




Similar Part No. - IMSA110

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
IMSAP-D001 SYNCMOS-IMSAP-D001 Datasheet
106Kb / 1P
Dimension B1 does not include dambar protrusion
IMSAP-D002 SYNCMOS-IMSAP-D002 Datasheet
120Kb / 1P
Dimension B1 does not include dambar protrusion
IMSAP-D006 SYNCMOS-IMSAP-D006 Datasheet
117Kb / 1P
Dimension B does not include dambar protrusion
More results


Similar Description - IMSA110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
Image Processing LSI
logo
Sanyo Semicon Device
LC11011-141 SANYO-LC11011-141 Datasheet
148Kb / 7P
Computer Image Signal Processing Full-Color Gray-Scale Processor
LC11014-241 SANYO-LC11014-241 Datasheet
534Kb / 13P
Computer Image Signal Processing Full-Color Gray-Scale Processor
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
Image Sensor Signal Processing LSI?
logo
Sony Corporation
CXA1201M SONY-CXA1201M Datasheet
375Kb / 18P
VCR IMAGE I/O SIGNAL PROCESSING
logo
List of Unclassifed Man...
HV7131GP ETC-HV7131GP Datasheet
2Mb / 61P
CMOS Image Sensor with Image Signal Processing
HV7161SPA2 ETC-HV7161SPA2 Datasheet
1Mb / 72P
CMOS Image Sensor with Image Signal Processing
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
CMOS Image Sensor with Image Signal Processing
logo
Hynix Semiconductor
HV7151SP HYNIX-HV7151SP Datasheet
863Kb / 89P
CMOS Image Sensor with Image Signal Processing
logo
List of Unclassifed Man...
CD7678CP ETC2-CD7678CP Datasheet
259Kb / 8P
Black and white TV image sound system signal processing circuit
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com