Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSA110 Datasheet(PDF) 3 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 3 Page - STMicroelectronics

  IMSA110 Datasheet HTML 1Page - STMicroelectronics IMSA110 Datasheet HTML 2Page - STMicroelectronics IMSA110 Datasheet HTML 3Page - STMicroelectronics IMSA110 Datasheet HTML 4Page - STMicroelectronics IMSA110 Datasheet HTML 5Page - STMicroelectronics IMSA110 Datasheet HTML 6Page - STMicroelectronics IMSA110 Datasheet HTML 7Page - STMicroelectronics IMSA110 Datasheet HTML 8Page - STMicroelectronics IMSA110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Decode
logic
21 x 8-bit
Update coefficient registers
21 x 8-bit
Current coefficient registers
256 x 8-bit data
transformation
look up RAM
Backend
look up table
USR
LSR
PCR0
PCR1
PCR2
BCR
MMB
OUB
TCR
SCR
ACR
Configuration and
control registers
Control
logic
1120 stage Programmable
shift register (PSRB)
1120 stage Programmable
shift register (PSRA)
7-stage
multiply-accumulate
array B
7-stage
multiply-accumulate
array A
1120 stage Programmable
shift register (PSRC)
7-stage
multiply-accumulate
array C
D
22
22
8
22
8
8
9
CLOCK
RESET
CASCADE
INPUT
CASCADE
OUTPUT
PSROUT
ADDRESS
PSRIN
MEM
DATA
Synchronous Functions
ENABLE 1
ENABLE 2
WRITE
Asynchronous Functions
Backend
post-processing unit
(normalization, saturation,
and data transformation)
Figure 1 : IMSA110 Users Model
The IMSA110 has five interfaces through which
data can be transferred, Figure 1. The microproc-
essor interface allows access to the coefficient
registers, the configuration and status registers,
and the data transformation tables. The remaining
four interfaces allow high speed data input and
output to the IMSA110 and the cascading of several
devices. A typical IMSA110 system is shown in
Figure 3. If N devices are used in the cascade, they
can be configured, entirely under software control,
as a 21N stage 1-D transversal filter or as a 7X by
3Y 2-D window, where X and Y are any integers
satisfying N
≤ XY. For example 4 cascaded devices
can be software configured as: an 84-stage 1-D
filter, a 7 by 12 2-D window, a 28 by 3 2-D window,
or a 14 by 6 2-D window.
The final output of the chip is 22 bits wide in twos
complement format.
Figure 2 shows the distribution of the delays inside
the part.
The latency between PSRin and COUT is depend-
ent upon the length of PSRc. For example, with
PSRc set to 0, and all coefficients set to zero except
CR0c[6] (so the data passes through all MAC
stages), the COUT bus will correspond to the
PSRin bus delayed by 47 clock cycles.
The latency between PSRin and PSRout is 5 cycles
PLUS the lengths of PSRc, PSRb and PSRa. If the
shift registers are bypassed by setting SCR[1] to 1
then PSRout will be PSRin delayed by 2 clock
cycles.
The Latency between the cascade input (CIN) and
cascade output (COUT) is 6 cycles. This is shown
lumped at the cascade input and cascade output
pads in Figure 2. Figure 4 gives details of the data
pipelining through the backend datapath.
IMSA110
3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com