Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSA110 Datasheet(PDF) 18 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 14Page - STMicroelectronics IMSA110 Datasheet HTML 15Page - STMicroelectronics IMSA110 Datasheet HTML 16Page - STMicroelectronics IMSA110 Datasheet HTML 17Page - STMicroelectronics IMSA110 Datasheet HTML 18Page - STMicroelectronics IMSA110 Datasheet HTML 19Page - STMicroelectronics IMSA110 Datasheet HTML 20Page - STMicroelectronics IMSA110 Datasheet HTML 21Page - STMicroelectronics IMSA110 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
PSRB control
PCRB[10-0]
Default: 0
…0
These eleven least significant bits of the PCRB are
used to specify the length of the second Program-
mable Shift Register (PSRB). The length of the shift
register will be numerically equal to the binary value
loaded in these bits. The value loaded in must be
in the range of 0 to 1120 decimal. If a value outside
this range is written to these bits the behaviour of
the shift register will be undefined. After updating
this register will also have to propagate through
PSRA and the backend before the cascade output
values will be correct
Reserved
PCRB[15-11]
Default: 00000
These 5 most significant bits of the PCRB are
reserved. The user should write zero to these loca-
tions to maintain compatibility with future products.
The value read from these locations will be zero.
PSRC control
PCRC[10-0]
Default: 0
…0
These eleven least significant bits of the PCRC are
used to specify the length of the first Programmable
Shift Register (PSRC). The length of the shift reg-
ister will be numerically equal to the binary value
loaded in these bits. The value loaded in must be
in the range of 0 to 1120 decimal. If a value outside
this range is written to these bits the behaviour of
the shift register will be undefined. After updating
this register will also have to propagate through
PSRB, PSRA and the backend before the cascade
output values will be correct
Reserved
PCRC[15-11]
Default: 00000
These 5 most significant bits of the PCRC are
reserved. The user should write zero to these loca-
tions to maintain compatibility with future products.
The value read from these locations will be zero.
10.2 Static control register (SCR)
Reserved
SCR[7]
Default: 0
This location is reserved. The user should write
zero to this location to maintain compatibility with
future products. The value read from this location
will be zero.
Positive Look up
table address
SCR[6]
Default: 0
This bit affects the way in which the over/under
select detector checks the LUT address. It deter-
mines whether the address range of the LUT is
signed (-128 to 127) or positive (0 to 255). A one at
this location indicates a positive LUT address.
PSR out Enable
SCR[5]
Default: 0
A zero at this location will force the PSR Output pins
into the tristate mode.
Cascade Enable
SCR[4]
Default: 0
A zero at this location will force the Cascade Output
pins into the tristate mode.
Unsigned coefficient
load
SCR[3]
Default: 0
If this bit is set to one, the format of subsequently
loaded coefficients become unsigned, with coeffi-
cient value assuming a range between 0 and 255
decimal. An 8-bit coefficient with all its bits set to
one will represent +255 decimal. When this bit is
zero the format of subsequently loaded coefficients
will be twos complement and the corresponding
numerical value will have a range between -128
and +127. By changing this bit whilst coefficients
are being loaded, coefficients between -128 and
+255 can be used. The unsigned format on all
coefficients is suitable when IMS A110s are com-
bined to obtain wider coefficients for extended pre-
cision.
SCR[3]
Coefficient type
0
Signed coefficients *
1
Unsigned coefficients
Unsigned data
SCR[2]
Default: 0
If this bit is set to one, the IMS A110 input data
format will become unsigned, with input data value
assuming a range between 0 and 255 decimal. An
8-bit value with all its bits set to one will represent
+255 decimal. When this bit is zero the input data
format will be twos complement and the corre-
sponding numerical value will have a range be-
tween -128 and +127. Unlike SCR[3], this bit cannot
be used to dynamically alter the data format. The
unsigned format is suitable when IMS A110s are
combined to obtain wider input data for extended
precision.
SCR[2]
Data type
0
Signed data *
1
Unsigned data
Bypass shift registers SCR[1]
Default: 0
This bit is used to program the path between the
PSRin and PSRout ports. A zero at this location will
cause the output from the last programmable shift
register to be sent to PSRout port. Writing a one to
this bit will cause the three programmable shift
registers to be bypassed, and the data entering the
port PSRin to be fed directly, via a delay of 2 clock
cycles, to the port PSRout. This bit allows full pro-
grammability of a cascade arrangement so that the
same hardware can be operated in a variety of
ways.
IMSA110
18/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com