Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSA110 Datasheet(PDF) 6 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 2Page - STMicroelectronics IMSA110 Datasheet HTML 3Page - STMicroelectronics IMSA110 Datasheet HTML 4Page - STMicroelectronics IMSA110 Datasheet HTML 5Page - STMicroelectronics IMSA110 Datasheet HTML 6Page - STMicroelectronics IMSA110 Datasheet HTML 7Page - STMicroelectronics IMSA110 Datasheet HTML 8Page - STMicroelectronics IMSA110 Datasheet HTML 9Page - STMicroelectronics IMSA110 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
5.1 Shifter, Cascade Adder and Rectifier
Data from the mac array enters the datapath via a
programmable shifter. The shifter is capable of
arithmetic right shifts (divides) of up to 8 bits with
rounding, and left shifts of up to 8 bits. The size of
this shift is controlled by the status bits BCR0[5-1].
The output of the shifter passes into the cascade
adder where it is added, along with any rounding
generated by the shifter, to either the cascade input
bus (BCR0[0] = 0), or a zero value (BCR[0] = 1).
If the result of this 22-bit signed addition is greater
than 2
21 - 1, (209715110) then the adder will gen-
erate a positive overflow. Likewise, if it is less than
-2
21, (-209715210) a negative overflow will be gen-
erated. In other words, a positive overflow is gen-
erated if the result of adding two positive numbers
(both MSBs = 0) is negative (resulting MSB = 1).
Conversely, a negative overflow is generated if the
result of adding two negative numbers (both
MSBs = 1) is positive (MSB = 0). Adding two num-
bers of different signs cannot cause the adder to
overflow.
The output of the cascade adder can optionally be
full-wave or half wave rectified under the control of
BCR0[7,6]. The output of the rectifier passes onto
the X bus. Overflows on the X bus are signalled to
both the statistics monitor and the data conditioner.
5.2 Statistics Monitor
The statistics monitor allows the user to set up
watch dogs on the dynamics of the data on the X
bus. It cannot affect the data on the X bus. The
statistics gathered provide information on the sys-
tem behaviour which can be used to ensure correct
data scaling and normalisation. The information is
also useful in the control of the overall system’s
analogue frontend.
Hardware/Functions
The statistics monitor consists of a 24 bit Min/Max
register (MMR), a 24 bit Min/Max Buffer (MMB), a
22 bit Over/UnderShoot Counter (OUC), a 22 bit
Over/UnderShoot Buffer (OUB) and a 22 bit twos
complement comparator.
It can perform one of four functions :
• MAX REGISTER : Capture the maximum value
of data and store it in the MMR.
• MIN REGISTER : Capture the minimum value of
data and store it in the MMR.
• OVERSHOOT COUNTER : Increment the OUC
each time the data value exceeds the preset
value in the MMR.
• UNDERSHOOT COUNTER : Increment the OUC
each time the data value is less than the preset
value in the MMR.
The mode of operation is determined by the
Max/Min switch BCR1[0], and the Static Threshold
switch BCR1[1].
Operation
Each sample on the X bus is compared against the
threshold stored in the MMR.
If the unit is configured as an overshoot counter
and the data on the X bus exceeds the threshold in
the MMR, then the counter (OUC) is incremented.
If the data is less than or equal to the threshold, then
no action will occur. The OUC is unsigned and will
not wrap around. Thus it behaves as a saturating
counter with a maximum value of
2
22 - 1,
(3FFFFF16, 419430310). If there is a positive over-
flow on the X bus, then the counter will increment
since the correct X bus value must exceed the
threshold. Similarly a negative overflow on the X
bus will not increment the counter since the correct
X bus value cannot exceed the preset threshold.
If the unit is configured as an undershoot counter
then the counter will be incremented whenever the
sample is less than the preset threshold. In this
case a negative overflow will cause the counter to
increment.
If the unit is configured as a max register and the
X bus exceeds the current threshold in the MMR,
then the value on the Xbus is loaded into the MMR
and becomes the new threshold and the counter is
incremented. If the threshold is not exceeded then
no action occurs. Thus the value in the MMR is the
maximum value that has appeared on the X bus,
and the value in the OUC has been incremented by
the number of times that the threshold has been
updated.
If the unit is configured as a min register then the
threshold is updated and the counter incremented
whenever the X bus is less than the current thresh-
old.
When operating as a min/max register, overflows
on the X bus can never cause the threshold to be
updated as this would load an erroneous value into
the MMR.
IMSA110
6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com