Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSA110 Datasheet(PDF) 22 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 18Page - STMicroelectronics IMSA110 Datasheet HTML 19Page - STMicroelectronics IMSA110 Datasheet HTML 20Page - STMicroelectronics IMSA110 Datasheet HTML 21Page - STMicroelectronics IMSA110 Datasheet HTML 22Page - STMicroelectronics IMSA110 Datasheet HTML 23Page - STMicroelectronics IMSA110 Datasheet HTML 24Page - STMicroelectronics IMSA110 Datasheet HTML 25Page - STMicroelectronics IMSA110 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
11.2 Thermal Characteristics
PIN GRID ARRAY THERMAL CHARACTERISTICS
Symbol
Parameter
Min
Nom
Max
Units
Notes
θ JA
Junction to ambient thermal resistance
35
°C/W
1,2
Notes : 1. Measured at 400 linear ft/min transverse air flow.
2. This parameter is sampled and not 100% tested.
11.3 AC timing characteristics
AC test conditions
OUTPUT LOADS (except output turn-off tests) : 30pF for all outputs.
VREF
sink
I
source
I
= 1.5V
= 1mA
= 1mA
30pF
DUT pin
Figure 8 : Output Load (output turn-off tests)
TIMING REFERENCE LEVELS
Pin
Reference levels
Notes
INPUTS
0.8V, 2.0V
1
CLK
0.5V, 4.0V
OUTPUTS
0.4V, 2.4V
2,3
OUTPUTS
±100mV change from previous steady output voltage
4
Notes : 1. Except CLK.
2. Output continously driven.
3. Timings are tested using VOL=0.8V and with a suitable allowance for the time taken for the output to fall from 0.8V to 0.4V.
4. Output turn-off tests.
11.4 Timing diagrams
CLOCK REQUIREMENTS
Symbol
Parameter
Min
Typ.
Max
Units
Notes
tCHCL
Clock Pulse High Width
20
ns
2
tCLCH
Clock Pulse Low Width
20
ns
2
tCHCH
Clock Period
50
ns
2
tR
Clock rise time
0
50
ns
1
tF
Clock fall time
0
50
ns
1
Notes : 1. Clock input transitions should be monotonic between the input thresholds of 0.5 V and 4.0 V.
2. For Rev.A parts tCHCL, tCLCH and tCHCH have maximum values of 50 000ns, 50 000ns and 100 000ns respectively.
(A minimum clock frequency of 10kHz.)
IMSA110
22/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com