Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPRMARM Datasheet (PDF) - Infinite Electronics International, Inc.

FMPRMARM Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPRMARM
Download  FMPRMARM Download
File Size   444.83 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Non-Penetrating Antenna Peak Roof Mount 34-inch Pole Only

FMPRMARM Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPRMARM Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPRMARM
Download  FMPRMARM Click to download

File Size   444.83 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Non-Penetrating Antenna Peak Roof Mount 34-inch Pole Only

FMPRMARM Datasheet (HTML) - Infinite Electronics International, Inc.


FMPRMARM Product details

Features
• Easy assembly instructions
• 5 ft tall center mast
• Secondary arm of 2.75 ft
• Powder coated galvanized steel
• Operating windspeeds up to 50 KM/h (31 mph)
• Survival windspeeds up to 100 KM/h (62 mph)
• All assembly hardware included
• Optional mat for max surface tension/protection
• Standard 16” x 8” cinder blocks (Not included)
• 150-degree max angle for roof pitch




Similar Part No. - FMPRMARM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPRM1 FAIRVIEW-FMPRM1 Datasheet
743Kb / 4P
Non-Penetrating Antenna Peak Roof Mount, 1-pole Version, 60-inch Mast, Galvanized Steel with Powder Coating
REV 1 A
FMPRM1-KIT FAIRVIEW-FMPRM1-KIT Datasheet
494Kb / 4P
Non-Penetrating Peak Roof Mount with 2 Rubber Mats, 1-pole Version, 60-inch Mast, Galvanized Steel with Powder Coating
A
FMPRM2 FAIRVIEW-FMPRM2 Datasheet
600Kb / 4P
Non-Penetrating Peak Roof Mount 60-inch Mast and 34-inch Extra Pole, 2-pole Version, Galvanized Steel with Powder Coating
A
FMPRM2-KIT FAIRVIEW-FMPRM2-KIT Datasheet
526Kb / 4P
Non-Penetrating Peak Roof Mount 60-inch Mast, 34-inch Extra Pole and 2 Rubber Mats, 2-pole Version, Galvanized Steel with Powder Coating
A
More results


Similar Description - FMPRMARM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAANIN0040 MACOM-MAANIN0040 Datasheet
107Kb / 1P
Automotive Roof MountSirius Satellite Digital Radio Antenna
MAANIN0050 MACOM-MAANIN0050 Datasheet
106Kb / 1P
Automotive Roof Mount XM Satellite Digital Radio Antenna
MAANIN0055 MACOM-MAANIN0055 Datasheet
113Kb / 1P
Automotive Roof Mount Sirius Satellite Digital Radio Antenna
logo
List of Unclassifed Man...
MRF-190 ETC2-MRF-190 Datasheet
398Kb / 1P
ROOF MOUNT VENTILATING
MRF-220 ETC2-MRF-220 Datasheet
399Kb / 1P
ROOF MOUNT VENTILATING
logo
Pulse A Technitrol Comp...
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
L154 PULSE-L154 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
logo
Laird Tech Smart Techno...
FHQ69273CD LSTD-FHQ69273CD Datasheet
311Kb / 2P
Phantom Fin Multiband Roof Mount Antenna
logo
Mechatronics, Inc.
MRF-190 MECHATRONICS-MRF-190 Datasheet
398Kb / 1P
ROOF MOUNT VENTILATING
MRF-220 MECHATRONICS-MRF-220 Datasheet
399Kb / 1P
ROOF MOUNT VENTILATING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com