Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet (PDF) - Texas Instruments

AFE10004RGETEP Datasheet PDF - Texas Instruments
Part # AFE10004RGETEP
Download  AFE10004RGETEP Download
File Size   5429.0 Kbytes
Page   159 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches

AFE10004RGETEP Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE10004RGETEP Datasheet PDF - Texas Instruments

Part # AFE10004RGETEP
Download  AFE10004RGETEP Click to download

File Size   5429.0 Kbytes
Page   159 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches

AFE10004RGETEP Datasheet (HTML) - Texas Instruments


AFE10004RGETEP Product details

1 Features
• Specified for defense and aerospace applications
• Controlled baseline
• One assembly and test site
• One fabrication site
• Product traceability
• Extended product life cycle
• Local and remote diode temperature sensor
– ±2.5°C error, maximum
– 0.0625°C resolution
• Internal EEPROM for autonomous operation
– Storage for four independent transfer functions
– Device configuration storage
– Open space for user storage
– Qualified for 15-year retention
• Four analog outputs
– Four monotonic DACs: 1.22mV resolution
– Automatically configured output ranges:
• Positive output voltage: 5.5V, maximum
• Negative output voltage: –10V, minimum
– High current drive capability:
• Source up to 100mA
• Sink up to 20mA
– High capacitive load tolerant: up to 15μF
• Gate bias on and off control switches
– Two programmable off voltages
• Two auxiliary DACs: 1.22mV resolution
– Fast switching time: 50ns, typical
– Low resistance: 3Ω, maximum
• Built-in sequencing control
• Internal 2.5V reference
• SPI and I2C interfaces: 1.7V to 3.6V operation
– SPI: 4-wire Interface
– I2C: Eight selectable peripheral addresses
• Specified temperature range: –55°C to +125°C

2 Applications
• Radar
• Electronic warfare
• Communications payload
• Defense radio

3 Description
The AFE10004-EP is a highly integrated,
autonomous, power-amplifier (PA) precision analog
front end (AFE) that includes four temperature
compensation digital-to-analog converters (DACs),
integrated EEPROM, and gate bias switches. The four
DACs are programmed by four independent, userdefined,
temperature-to-voltage transfer functions
stored in the internal EEPROM. This design allows
correction any temperature effects to be corrected
without additional external circuitry. After start-up, the
device operates without intervention from a system
controller to provide a complete system for setting and
compensating bias voltages in control applications.
The AFE10004-EP has four gate bias outputs that
are switched on and off through dedicated control
pins. The gate bias switches are designed for fast
response. In combination with the device PA_ON pin,
this fast response enables correct power sequencing
and protection of depletion-mode transistors, such as
GaAs and GaN.
The function integration and wide operating
temperature range make the AFE10004-EP an
excellent choice as an all-in-one, autonomous bias
control circuit for the power amplifiers found in RF
systems. The flexible DAC output ranges and builtin
sequencing features let the device be used as
a biasing controller for a large variety of transistor
technologies, such as LDMOS, GaAs, and GaN.




Similar Part No. - AFE10004RGETEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE10004RGET TI-AFE10004RGET Datasheet
968Kb / 7P
AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
AFE10004RGET TI2-AFE10004RGET Datasheet
493Kb / 7P
AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
DECEMBER 2020
AFE10004RGET.A TI2-AFE10004RGET.A Datasheet
493Kb / 7P
AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
DECEMBER 2020
AFE10004RGET.B TI2-AFE10004RGET.B Datasheet
493Kb / 7P
AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
DECEMBER 2020
More results


Similar Description - AFE10004RGETEP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
logo
Texas Instruments
AFE10004 TI-AFE10004 Datasheet
968Kb / 7P
AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com