Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 2Page - Texas Instruments AFE10004RGETEP Datasheet HTML 3Page - Texas Instruments AFE10004RGETEP Datasheet HTML 4Page - Texas Instruments AFE10004RGETEP Datasheet HTML 5Page - Texas Instruments AFE10004RGETEP Datasheet HTML 6Page - Texas Instruments AFE10004RGETEP Datasheet HTML 7Page - Texas Instruments AFE10004RGETEP Datasheet HTML 8Page - Texas Instruments AFE10004RGETEP Datasheet HTML 9Page - Texas Instruments AFE10004RGETEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
AFE10004-EP
UNIT
RGE (VQFN)
24 PINS
ΘJA
Junction-to-ambient thermal resistance
33.5
°C/W
ΘJC(top)
Junction-to-case (top) thermal resistance
30.2
°C/W
ΘJB
Junction-to-board thermal resistance
13.6
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
13.5
°C/W
ΘJC(bot)
Junction-to-case (bottom) thermal resistance
3.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Electrical Characteristics
all minimum and maximum specifications at TJ = –55℃ to +125℃ and all typical specifications at TJ = 25℃, VDD = 4.5V to
5.5V, VIO = 1.65V to 3.6V, positive output range: VCC = 4.5V to 5.5V, VSS = GND, negative output range: VSS = –11V to –4.5V,
VCC = GND, and DAC outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC CHARACTERISTICS(1)
Resolution
13
Bits
Full-scale output voltage
Set at start-up through auto-range
detection
–10
0
V
Set at start-up through auto-range
detection
0
10
DNL
Differential nonlinearity
Specified 13-bit monotonic
–1
1
LSB
INL
Integral nonlinearity
–4
4
LSB
TUE
Total unadjusted error
–0.4
±0.1
0.4
%FSR
Total adjusted error
After one point calibration at 25
℃,
DAC output at 1/4 of full-scale range
–0.06
±0.01
0.06
%FSR
Offset error
Positive output range
–24
±5
24
mV
Negative output range
–24
±5
24
Offset error temperature drift
±2
ppm/°C
Gain error
–0.3
±0.01
0.3
%FSR
Gain error temperature drift
±5
ppm/°C
Zero-scale error
Positive output range: all zeros code
0
5
24
mV
Negative output range: all ones code
–24
–5
0
Zero-scale error temperature drift
±2
ppm/°C
Full-scale error
Positive output range: all ones code
–0.25
±0.03
0.25
%FSR
Negative output range: all zeros code
–0.4
±0.05
0.4
Full-scale error temperature drift
±5
ppm/°C
Load current(2)
Source with 1V headroom from VCC,
high-current mode,
number of active channels ≤ 2
100
mA
Sink with 1V headroom from VSS,
high- and normal-current modes
20
Short circuit current, source(2)
Start-up current mode
12
mA
Normal-current mode
70
High-current mode
120
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com