Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet(PDF) 45 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 41Page - Texas Instruments AFE10004RGETEP Datasheet HTML 42Page - Texas Instruments AFE10004RGETEP Datasheet HTML 43Page - Texas Instruments AFE10004RGETEP Datasheet HTML 44Page - Texas Instruments AFE10004RGETEP Datasheet HTML 45Page - Texas Instruments AFE10004RGETEP Datasheet HTML 46Page - Texas Instruments AFE10004RGETEP Datasheet HTML 47Page - Texas Instruments AFE10004RGETEP Datasheet HTML 48Page - Texas Instruments AFE10004RGETEP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 159 page
background image
6.5 Programming
Note
In SPI configuration, hold the SDA pin low for proper operation.
The device communicates with the system controller through a serial interface, which supports either an I2C-
compatible two-wire bus, or an SPI-compatible bus. The device includes a robust mechanism that detects
between an SPI-compatible or I2C-compatible controller, and automatically configures the interface accordingly.
The interface detection mechanism operates at start-up, thus preventing protocol change during normal
operation.
The device uses a paging system to organize registers by functionality. In both SPI and I2C configurations,
address 0x7E is used to select the different pages in the device. The default page at start-up is Page 1. To read
and write to one of the device registers, first select the page for that register by writing the 8-bit representation
of the page number (PAGE[7:0]) to address 0x7E. Figure 6-17 shows the page access format. The page register
holds the page value until a new page address is programmed to the device.
S
TargetAddr[6:0]
W
A
A
RegAddr[7:0]
0x7E
Data[7:0]
PAGE[7:0]
P
From Controller to Peripheral (SPI) or Target (I
2C)
From Target to Controller
A
W
RegAddr[6:0]
0x7E
Data[15:8]
PAGE[7:0]
Data[7:0]
0x00
SPI
I
2C
Figure 6-17. Page Access Format
6.5.1 I2C Serial Interface
In I2C mode, the device operates only as a target device on the two-wire bus. Connections to either bus
are made using the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike
suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The device
supports the transmission protocol for fast (1kHz to 400kHz) mode. All data bytes are transmitted MSB first.
6.5.1.1 I2C Bus Overview
The device is I2C compatible. In I2C protocol, the device that initiates the transfer is called a controller, and the
devices controlled by the controller are targets. To control the bus, use a controller device that generates the
serial clock (SCL), controls the bus access, and generates the START and STOP conditions.
To address a specific device, a START condition is initiated. A START condition is indicated by pulling the data
line (SDA) from a high-to-low logic level while SCL is high. All targets on the bus shift in the target address byte,
with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the target
being addressed responds to the controller by generating an acknowledge bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During data
transfer, ensure that SDA remains stable while SCL is high because any change in SDA while SCL is high is
interpreted as a control signal.
After all data have been transferred, the controller generates a STOP condition. A STOP condition is indicated
by pulling SDA from low to high, while SCL is high.
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com