Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet(PDF) 70 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 70 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 66Page - Texas Instruments AFE10004RGETEP Datasheet HTML 67Page - Texas Instruments AFE10004RGETEP Datasheet HTML 68Page - Texas Instruments AFE10004RGETEP Datasheet HTML 69Page - Texas Instruments AFE10004RGETEP Datasheet HTML 70Page - Texas Instruments AFE10004RGETEP Datasheet HTML 71Page - Texas Instruments AFE10004RGETEP Datasheet HTML 72Page - Texas Instruments AFE10004RGETEP Datasheet HTML 73Page - Texas Instruments AFE10004RGETEP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 159 page
background image
7.3.1.1.5 Temperature Status Register (offset = 04h) [reset = N/A]
Figure 7-5. Temperature Status Register
7
6
5
4
3
2
1
0
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RESERVED
RESERVED
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-15. Temperature Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7
BUSY
R
0h
Temperature ADC status indicator
1 = ADC is converting.
0 = ADC is not converting.
6
LHIGH
R
0h
Local temperature high limit status indicator
1 = Local temperature value exceeds the Local Temperature
High Limit Register value. This bit is cleared upon reading
the Temperature Status Register providing that the condition
causing the over temperature result is no longer present.
0 = Local temperature value does not exceed the Local
Temperature High Limit Register value.
5
LLOW
R
0h
Local temperature low limit status indicator
1 = Local temperature value is below the Local Temperature
Low Limit Register value. This bit is cleared upon reading
the Temperature Status Register providing that the condition
causing the under temperature result is no longer present.
0 = Local temperature value is not below the Local Temperature
Low Limit Register value.
4
RHIGH
R
0h
Remote temperature high limit status indicator
1 = Remote temperature value exceeds the Remote
Temperature High Limit Register value. This bit is cleared
upon reading the Temperature Status Register providing that
the condition causing the over temperature result is no longer
present.
0 = Remote temperature value does not exceed the Remote
Temperature High Limit Register value.
3
RLOW
R
0h
Remote temperature low limit status indicator
1 = Remote temperature value is below the Remote
Temperature Low Limit Register value. This bit is cleared upon
reading the Temperature Status Register providing that the
condition causing the under temperature result is no longer
present.
0 = Remote temperature value is not below the Remote
Temperature Low Limit Register value.
2
OPEN
R
0h
Remote junction open circuit detection
1 = The remote junction is an open circuit. This bit is cleared
upon reading the Temperature Status Register providing that the
condition causing the open circuit is no longer present.
0 = The remote junction is not an open circuit.
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
www.ti.com
70
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com