Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet(PDF) 78 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 78 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 74Page - Texas Instruments AFE10004RGETEP Datasheet HTML 75Page - Texas Instruments AFE10004RGETEP Datasheet HTML 76Page - Texas Instruments AFE10004RGETEP Datasheet HTML 77Page - Texas Instruments AFE10004RGETEP Datasheet HTML 78Page - Texas Instruments AFE10004RGETEP Datasheet HTML 79Page - Texas Instruments AFE10004RGETEP Datasheet HTML 80Page - Texas Instruments AFE10004RGETEP Datasheet HTML 81Page - Texas Instruments AFE10004RGETEP Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 159 page
background image
7.3.1.1.16 Local Temperature High Limit Register (offset = 10h) [reset = 7Fh]
Figure 7-16. Local Temperature High Limit Register
7
6
5
4
3
2
1
0
LTHL[11:4]
R/W-7Fh
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-27. Local Temperature High Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
LTHL[11:4]
R/W
7Fh
These bits determine the value of the high temperature limit
to which the local temperature measurement is compared. The
resolution of the LSB in this register is 1°C. Format denoted by
the TMPRANGE bit.
7.3.1.1.17 Local Temperature Low Limit Register (offset = 11h) [reset = 80h]
Figure 7-17. Local Temperature Low Limit Register
7
6
5
4
3
2
1
0
LTLL[11:4]
R/W-80h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-28. Local Temperature Low Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
LTLL[11:4]
R/W
80h
These bits determine the value of the low temperature limit to
which the local temperature measurement is compared. The
resolution of the LSB in this register is 1°C. Format denoted by
the TMPRANGE bit.
7.3.1.1.18 Remote Temperature High Limit High Byte Register (offset = 12h) [reset = 7Fh]
Figure 7-18. Remote Temperature High Limit High Byte Register
7
6
5
4
3
2
1
0
RTHL[11:4]
R/W-7Fh
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-29. Remote Temperature High Limit High Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
RTHL[11:4]
R/W
7Fh
These bits determine the value of the high byte of the high
temperature limit to which the remote temperature measurement
is compared. The resolution of the LSB in this register is 1°C.
Format denoted by the TMPRANGE bit.
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
www.ti.com
78
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com