Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 9Page - Texas Instruments AFE10004RGETEP Datasheet HTML 10Page - Texas Instruments AFE10004RGETEP Datasheet HTML 11Page - Texas Instruments AFE10004RGETEP Datasheet HTML 12Page - Texas Instruments AFE10004RGETEP Datasheet HTML 13Page - Texas Instruments AFE10004RGETEP Datasheet HTML 14Page - Texas Instruments AFE10004RGETEP Datasheet HTML 15Page - Texas Instruments AFE10004RGETEP Datasheet HTML 16Page - Texas Instruments AFE10004RGETEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
5.9 Typical Characteristics (continued)
at TA = 25°C, VDD = 5V, VIO = 3.3V, negative output range: VCC = GND, VSS = –11V, and DAC outputs unloaded (unless
otherwise noted)
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-24
-18
-12
-6
0
6
12
18
24
Figure 5-10. DAC Offset Error vs Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
Figure 5-11. DAC Gain Error vs Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-24
-18
-12
-6
0
DAC code = 0x1FFF
Figure 5-12. DAC Zero-Scale Error vs Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.4
-0.2
0
0.2
0.4
DAC code = 0x0000
Figure 5-13. DAC Full-Scale Error vs Temperature
Total Adjusted Error (%FSR)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
DAC code = 0x1800
TA = –40°C to +125°C
Figure 5-14. DAC Total Adjusted Error
Offset Error (mV)
0
5
10
15
20
25
-10
-8
-6
-4
-2
0
2
4
6
8
10
TA = –40°C to +125°C
Figure 5-15. DAC Offset Error
www.ti.com
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com