Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004RGETEP Datasheet(PDF) 32 Page - Texas Instruments

Part # AFE10004RGETEP
Description  AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE10004RGETEP Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE10004RGETEP Datasheet HTML 28Page - Texas Instruments AFE10004RGETEP Datasheet HTML 29Page - Texas Instruments AFE10004RGETEP Datasheet HTML 30Page - Texas Instruments AFE10004RGETEP Datasheet HTML 31Page - Texas Instruments AFE10004RGETEP Datasheet HTML 32Page - Texas Instruments AFE10004RGETEP Datasheet HTML 33Page - Texas Instruments AFE10004RGETEP Datasheet HTML 34Page - Texas Instruments AFE10004RGETEP Datasheet HTML 35Page - Texas Instruments AFE10004RGETEP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 159 page
background image
6.3.4.1 LUT and ALU Organization
In the following figure, the TEMP column represents the temperature value to the LUT. This value is produced by
either the local temperature sensor, the remote temperature sensor, or provided directly by the user.
Remote
Temperature
Sensor
Local
Temperature
Sensor
TEMP
INDEX
VALUE
152
36
32
28
24
20
–48
K + 1
K
(K + 1)
K
+3
+2
+1
BASELINE
–1
3
2
1
BASE
–1
–(M –
–M
–(M –
–M
Figure 6-9. LUT Organization
TEMP is truncated to a resolution of 4°C/LSB to index the LUT. The overall transfer function is stored in the LUT
as a set of unsigned 4-bit increments from the BASE value; that is, LUT location (+1) stores the value of the
increment Δ1. The baseline is set to 24°C and BASE is the numeric representation of the required output at the
BASELINE temperature.
When TEMP exceeds the BASELINE temperature, the LUT is addressed greater than the BASELINE address,
and all increments are added to the BASE value to produce DACIN, a numeric equivalent of the analog output.
When TEMP is less than the BASELINE temperature, LUT is addressed less than the BASELINE, and all
increments are subtracted from the BASE value.
The interpolation function is implemented in the ALU that follows the LUT. The truncated lower bits of the TEMP
value, REM = TEMP[5:0], are used to interpolate between data points stored in the LUT. A portion of increment,
αΔi, is added to form the final input data to the DAC. The factor α is a fraction of 4°C temperature span, or
equivalently a fraction of the 64-code temperature span, that is α = REM/64.
AFE10004-EP
SLASFM1A – JUNE 2025 – REVISED DECEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AFE10004-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com